Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA431HCS Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FA431HCS
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA431HCS Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FA431HCS Datasheet HTML 1Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 2Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 3Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-2 0
K
I
- V
CATHODE VOLTAGE VKA (V)
CATHODE VOLTAGE VKA (V)
-1 0
3 0
0
1 0
2 0
-100
50
-50
0
KA
100
150
40
20
0
10
1 0M
100k
10k
10M
1 0k
FREQUENCY f (Hz)
Zka - f
FREQUENCY f (Hz)
GVO - f
3 0
5 0
0
16
12
8 0
20
4 0
TIME t (�s)
0
PULSE RESPONSE
-24
-32
-16
0
-8 0
100
10
0 1
1 0
0
-10
10
V
=V
Ta=25 C
KA
ref
30
Ta=25 C
K
I =10mA
I =1 0mA~100mA
Ta=25 C
K
20
30
40
50
60
1 0k
10M
10k
100k
1 0M
I =10mA
Ta=25 C
K
0
2 0
1 0
Ta=25 C
OUTPUT
INPUT
Vref - VKA
0
100
0
PD - Ta
25
50
75
100
125
150
175
200
300
400
500
600
700
800
1000
900
AMBIENT TEMPERATURE Ta ( C)
FA431HCS
2016. 05. 02
4/4
FA431HCS
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com