Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA431HCS Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FA431HCS
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA431HCS Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FA431HCS Datasheet HTML 1Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 2Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 3Page - First Silicon Co., Ltd FA431HCS Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25℃ )
MAXIMUM RATINGS (Ta=25℃)
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP. MAX. UNIT
Reference Input
Voltage
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
3
17
mV
Ratio of Change in Reference Input
Voltage to Change in Cathode to
Anode Voltage
ΔV /
ref
ΔVKA
Figure 2
IK=10mA
ΔVKA=
10V ~ Vref
-
-1.4
-2.7
mV/V
ΔVKA=
36V ~ 10V
-
-1.0
-2.0
Reference Input Current
Iref
Figure 2
IK=10mA, R1=10kΩ , R2=∞
-
0.5
1.2
μA
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ , R2=∞
-
0.4
1.2
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
0.08
0.3
mA
Off-State Cathode Current
Ioff
Figure 3
VKA=40V, Vref=0V
-
100
800
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=1.0 ~ 100mA,
f ≤1.0kHz
-
0.1
0.37
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
V
Cathode Current Range, Continuous
IK
-100 ~ 150
mA
Reference Input Current Range, Continuous
Iref
-0.05 ~ 10
mA
Operating Junction Temperature
Tj
150
Operating Temperature
Topr
-40 ~125
Storage Temperature
Tstg
-65 ~ 150
Total Power Dissipation
PD
mW
FA431HCS
200
2016. 05. 02
2/4
FA431HCS
Revision No : 0
℃
℃
℃
36
Ω
Cathode (K)
Anode (A)
Reference (R)
2.495 Vref
+
-
BLOCK DIAGRAM
Reference (R)
Anode (A)
Cathode (K)
FA431HCS (0.5%)
2.495
2.4825
2.5075
V
Vref
Figure 1
VKA=Vref , IK=10mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com