Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBF110PFWLPES Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MBF110PFWLPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFWLPES Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MBF110PFWLPES Datasheet HTML 14Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 15Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 16Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 17Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 18Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 19Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 20Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 21Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Pr
eliminar
y
Solid-State Fingerprint Sensor
14
Fujitsu Microelectronics, Inc.
MBF110 – PFW1
SOP (VSPA) – 80 pin Package
MBF110-PFW1: SOP 80pin Assembly Diagram
MBF110 Dimensions
Symbol
Description
Min
Nom
Max
N
Pin Count
80
A
Overall Height
A1
Stand Off
B
Pin Width
C
Pin Thickness
D
Tip to tip Dimension
.941 (23.9)
.941 (23.9)
.0187 (.47)
1.016 (25.8)
.008 (.20)
.008 (.20)
.945 (24.0)
.945 (24.0)
.032 (.81)
.0207 (.53)
.949 (24.1)
.949 (24.1)
1.032 (26.2)
.0197 (.50)
1.025 (26.0)
.006 (.15)
.102 (2.60)
D1
Package Body
Package Body
E1
F
Pin Pitch
L1
Foot length
Note: Dimensions are in inches (mm)
E1
D1
A1
L1
C
DETAIL Z
Row 299
Column 0
Detail Z
Row 0
Column 0
Row 299
Column 299
Row 0
Column 299
B
F
D
140
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com