Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 3 Page - Texas Instruments

  TMCS1101 Datasheet HTML 1Page - Texas Instruments TMCS1101 Datasheet HTML 2Page - Texas Instruments TMCS1101 Datasheet HTML 3Page - Texas Instruments TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
IN+
8
VS
2
IN+
7
VOUT
3
IN±
6
NC
4
IN±
5
GND
Not to scale
3
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Linear range limited by swing to supply and ground.
(2)
Current levels must remain below both allowable continuous DC/RMS and transient peak current safe operating areas.
5 Device Comparison Table
PRODUCT
SENSITIVITY
ZERO CURRENT OUTPUT
VOLTAGE,
IIN LINEAR MEASUREMENT RANGE
(1)
ΔVOUT / ΔIIN+, IN–
VOUT,0A
VS = 5 V
VS = 3.3 V
TMCS1101A1B
50 mV/A
0.5 × VS
±46 A(2)
±29 A(2)
TMCS1101A2B
100 mV/A
±23 A(2)
±14.5 A
TMCS1101A3B
200 mV/A
±11.5 A
±7.25 A
TMCS1101A4B
400 mV/A
±5.75 A
±3.625 A
TMCS1101A1U
50 mV/A
0.1 × VS
–9 A
→ 86 A(2)
–5.6 A
→ 55.4A(2)
TMCS1101A2U
100 mV/A
–4.5 A
→ 43A(2)
–2.8 A
→ 27.7 A(2)
TMCS1101A3U
200 mV/A
–2.25 A
→ 21.5 A(2)
–1.4 A
→ 13.85 A
TMCS1101A4U
400 mV/A
–1.12 A
→ 10.75 A
–0.7 A
→ 6.92 A
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN+
Analog input
Input current positive pin
2
IN+
Analog input
Input current positive pin
3
IN–
Analog input
Input current negative pin
4
IN–
Analog input
Input current negative pin
5
GND
Analog
Ground
6
NC
No Connect
No connect
7
VOUT
Analog output
Output voltage
8
VS
Analog
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com