Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
OS
OE
I
V
/ S
OE
OUT,0A
S
V
V
V * 0.5
OE
OUT,0A
S
V
V
V * 0.1
'
§
·
u ' u
¨
¸
q
©
¹
S, T
drift
ppm
e
%
S
T 1000
C
10
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Accuracy Parameters (continued)
Sensitivity error drift is the worst-case change in sensitivity error per degree Celsius change in ambient
temperature. This parameter is reported in ppm/°C. To convert sensitivity error drift to a percentage for a given
change in temperature, multiply the drift by the change in temperature and convert to percentage, as in
Equation 3.
where
•
Sdrift is the sensitivity error drift.
•
ΔT is the temperature range from 25°C.
(3)
8.1.2 Offset Error and Drift
Offset error is the deviation from the ideal output voltage with zero input current through the device. Offset error
can be referred to the output as a voltage error VOE or referred to the input as a current offset error IOS; however,
offset error is a single error source and must only be included once in error calculations.
The output voltage offset error of the TMCS1101 is the deviation of the measured VOUT with zero input current
from the ideal value of the zero current output voltage. This ideal voltage is either 10% of VS for unidirectional
devices (AxU) or 50% of VS for bidirectional devices (AxB), as shown in Equation 4 and Equation 5, respectively.
(4)
where
•
VOUT,0A is the device output voltage with zero input current.
(5)
The total offset error includes multiple individual error sources: errors in the internal reference, the magnetic
offset of the Hall sensor, and any offset voltage errors of the signal chain.
The input referred (RTI) offset error is the output voltage offset error divided by the sensitivity of the device,
shown in Equation 6. Refer the offset error to the input of the device to allow for easier total error calculations
and direct comparison to input current levels. However the calculations are done, the error sources quantified by
VOE and IOS are the same, and must only be included once for error calculations.
(6)
Offset error specifications are defined at both room temperature and across the full temperature range. Offset
error specified over a temperature range is the worst-case sensitivity error at any temperature within the range,
and must not be considered as additive to room temperature offset error. Offset error drift is the worst-case rate
of change in a device offset across the temperature spectrum, and is used to calculate maximum offset error
across an arbitrary temperature range in the same manner as sensitivity drift, and as described in the Total Error
Calculation Examples section.
8.1.3 Nonlinearity Error
Nonlinearity is the deviation of the output voltage from a linear relationship to the input current. Nonlinearity
voltage, as shown in Figure 1, is the maximum voltage deviation from the best-fit line based on measured
parameters, calculated by Equation 7.
VNL = VOUT,MEAS – (IMEAS × Sfit + VOUT,0A)
where
•
VOUT,MEAS is the voltage output at maximum deviation from best fit.
•
IMEAS is the input current at maximum deviation from best fit.
•
Sfit is the best-fit sensitivity of the device.
•
VOUT,0A is the device zero current output voltage.
(7)
Nonlinearity error (eNL) for the TMCS1101 is the nonlinearity voltage specified as a percentage of the full-scale
output range (VFS), as shown in Equation 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com