Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2962913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2962913
Description  UM 45-16RM/MR-G24/1/PLC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2962913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2962913 Datasheet HTML 1Page - PHOENIX CONTACT 2962913 Datasheet HTML 2Page - PHOENIX CONTACT 2962913 Datasheet HTML 3Page - PHOENIX CONTACT 2962913 Datasheet HTML 4Page - PHOENIX CONTACT 2962913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 24, 2010
Extract from the online
catalog
 
UM 45-16RM/MR-G24/1/PLC
Order No.: 2962913
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2962913
 
 
VARIOFACE COMPACT LINE, output module with 16 miniature
relays, 1 N/O contact each, plugged, for 24 V DC (incl. relay)
 
Commercial data
EAN
4017918087517
Pack
1 pcs.
Customs tariff
85364190
Weight/Piece
0.2557 KG
Catalog page information
Page 247 (IF-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Input data
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
6.5 mA
Typical response time
5 ms
Typical release time
15 ms
Name of protection
Free-wheeling diode
Protective circuit/component
Damping diode
Operating voltage display
LED green
Status display/channel
Yellow LED


Similar Part No. - 2962913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2962900 PHOENIX-2962900 Datasheet
121Kb / 5P
UM 45- 8RM/MR-G24/1/PLC
2962926 PHOENIX-2962926 Datasheet
119Kb / 4P
UM 45-16RM/MR-G24/1/E/PLC
More results

Similar Description - 2962913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2962023 PHOENIX-2962023 Datasheet
132Kb / 4P
UM-16 RELS/KSR-G24/ 1/N/PE/PLC
2962036 PHOENIX-2962036 Datasheet
130Kb / 4P
UM-16 RELS/KSR-G24/1/NPE/E/PLC
2962900 PHOENIX-2962900 Datasheet
121Kb / 5P
UM 45- 8RM/MR-G24/1/PLC
2962926 PHOENIX-2962926 Datasheet
119Kb / 4P
UM 45-16RM/MR-G24/1/E/PLC
2968386 PHOENIX-2968386 Datasheet
125Kb / 4P
UM- 8 RM/RT-G24/21/PLC
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2979472 PHOENIX-2979472 Datasheet
129Kb / 6P
Active module - UMK-32 RM/MR-G24/1/PLC
2962489 PHOENIX-2962489 Datasheet
125Kb / 4P
UM 45-FLK50/PLC
2962492 PHOENIX-2962492 Datasheet
127Kb / 4P
UM 45-FLK14/LA/PLC
2962502 PHOENIX-2962502 Datasheet
144Kb / 4P
UM 45-FLK50/LA/PLC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com