Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2962913 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2962913
Description  UM 45-16RM/MR-G24/1/PLC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2962913 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2962913 Datasheet HTML 1Page - PHOENIX CONTACT 2962913 Datasheet HTML 2Page - PHOENIX CONTACT 2962913 Datasheet HTML 3Page - PHOENIX CONTACT 2962913 Datasheet HTML 4Page - PHOENIX CONTACT 2962913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UM 45-16RM/MR-G24/1/PLC Order No.: 2962913
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2962913
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Mar 24, 2010
Output data
Contact type
1 N/O contact (double contact)
Contact material
AgNi, 5 µm hard gold-plated
Maximum switching voltage
250 V AC
125 V DC
Minimum switching voltage
5 V
Limiting continuous current
3 A
Maximum inrush current
5 A
Min. switching current
1 mA
Interrupting rating (ohmic load) max.
72 W (24 V DC)
60 W (48 V DC)
50 W (60 V DC)
50 W (110 V DC)
750 VA (250 V AC)
General data
No. of channels
32
Compatible components
Miniature relay, REL-MR-G 24/1
With components
Yes
Width
215 mm
Height
50 mm
Depth
45 mm
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Test voltage
2 kV (50 Hz, 1 min)
Service life mechanical
2 x 107 cycles
Standards/regulations
IEC 60664
DIN EN 50178
IEC 62103
Operating mode
100% operating factor
Mounting position
Any
Assembly instructions
In rows with zero spacing
Pollution degree
2
Surge voltage category
III
Housing insulation material
PVC, side panel PA non-reinforced,
Color
green



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com