Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4244 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4244
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244 Datasheet(HTML) 3 Page - Linear Technology

  LTC4244 Datasheet HTML 1Page - Linear Technology LTC4244 Datasheet HTML 2Page - Linear Technology LTC4244 Datasheet HTML 3Page - Linear Technology LTC4244 Datasheet HTML 4Page - Linear Technology LTC4244 Datasheet HTML 5Page - Linear Technology LTC4244 Datasheet HTML 6Page - Linear Technology LTC4244 Datasheet HTML 7Page - Linear Technology LTC4244 Datasheet HTML 8Page - Linear Technology LTC4244 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC4244/LTC4244-1
42441f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICL
Current Foldback
12VIN = 12V, 12VOUT = 0V, TIMER = 0V
q
–100
–360
–1000
mA
12VIN = 12V, 12VOUT = 10V, TIMER = 0V
q
–550
–850
–1500
mA
VEEIN = –12V, VEEOUT = 0V, TIMER = 0V
q
50
225
350
mA
VEEIN = –12V, VEEOUT = –10V, TIMER = 0V
q
350
610
870
mA
TTS
Thermal Shutdown Temperature
Junction Temperature, Ramping Up
150
°C
VTH
Power Good Threshold Voltage
12VOUT, Ramping Down
q
10.8
11.1
11.4
V
5VOUT, Ramping Down
q
4.50
4.61
4.75
V
3.3VOUT, Ramping Down
q
2.80
2.90
3.00
V
VEEOUT, Ramping Up, LTC4244 Only
q
–10.8
–11.1
–11.4
V
VIL
Logic Input Low Voltage
OFF/ON, RESETIN, FAULT
q
0.8
V
VIH
Logic Input High Voltage
OFF/ON, RESETIN, FAULT
q
2V
IIN
OFF/ON, RESETIN Input Current
OFF/ON, RESETIN = 0V
q
±10
µA
OFF/ON, RESETIN = 12V
q
±10
µA
RESETOUT, FAULT Leakage
RESETOUT, FAULT = 5V, OFF/ON = 0V, RESETIN = 3.3V
q
±10
µA
Current
PWRGD Output Current
PWRGD = 5V, OFF/ON = 4V
q
±10
µA
5VSENSE Input Current
5VSENSE = 5V, 5VOUT = 0V
q
57
100
µA
3.3VSENSE Input Current
3.3VSENSE = 3.3V, 3.3VOUT = 0V
q
56
100
µA
5VIN Input Current
5VIN = 5V, TIMER = 0V
q
0.8
1.5
mA
3.3VIN Input Current
3.3VIN = 3.3V, TIMER = FLOAT
q
510
700
µA
3.3VIN = 3.3V, TIMER = 0V
q
400
550
µA
5VOUT Input Current
5VOUT = 5V, OFF/ON = 0V, TIMER = 0V
q
107
200
µA
3.3VOUT Input Current
3.3VOUT = 3.3V, OFF/ON = 0V, TIMER = 0V
q
170
300
µA
PRECHARGE Input Current
VPRECHARGE = 1V
q
0.1
10
µA
ITIMER
TIMER Pin Current
OFF/ON = 0V, VTIMER = 0V
q
16
21
26
µA
OFF/ON = 5V, VTIMER = 5V
q
25
45
70
mA
VTIMER
TIMER Threshold Voltage
TIMER_HI, (V12VIN – VTIMER), FAULT = 0V, Ramping Up
q
1.3
1.6
1.9
V
TIMER_LO, VTIMER, Ramping Down
q
0.5
0.8
1.1
V
∆VTIMER External Timer Voltage
∆VTIMER = (V12VIN – VTIMER), ITIMER = –1µA
q
1V
RDIS
12VOUT Discharge Resistance
OFF/ON = 4V
q
440
1000
Ω
5VOUT Discharge Resistance
OFF/ON = 4V
q
200
500
Ω
3.3VOUT Discharge Resistance
OFF/ON = 4V
q
200
500
Ω
VEEOUT Discharge Resistance
OFF/ON = 4V
q
390
1000
Ω
VOL
Output Low Voltage
PWRGD, RESETOUT, FAULT, I = 1mA
q
0.4
V
VPXG
PRECHARGE Reference Voltage
VDRIVE = 2V
q
0.95
1
1.05
V
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VEEIN = –12V, V3.3VIN = 3.3V, V5VIN = 5V, unless
otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: The 12VIN and VEEIN pins will withstand transient surges up to
±15V, respectively, upon hot insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com