Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4244 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4244
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244 Datasheet(HTML) 4 Page - Linear Technology

  LTC4244 Datasheet HTML 1Page - Linear Technology LTC4244 Datasheet HTML 2Page - Linear Technology LTC4244 Datasheet HTML 3Page - Linear Technology LTC4244 Datasheet HTML 4Page - Linear Technology LTC4244 Datasheet HTML 5Page - Linear Technology LTC4244 Datasheet HTML 6Page - Linear Technology LTC4244 Datasheet HTML 7Page - Linear Technology LTC4244 Datasheet HTML 8Page - Linear Technology LTC4244 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC4244/LTC4244-1
42441f
3.3V and 5V Current Foldback
Profile
12VOUT Current vs 12VOUT
Voltage
VEEOUT Current vs VEEOUT Voltage
12V Foldback Current Limit vs
Temperature
VEE Foldback Current Limit vs
Temperature
12V Internal Switch Voltage Drop
vs Temperature
VEE Internal Switch Voltage Drop
vs Temperature
5VIN Foldback Current Limit
Voltage vs Temperature
3.3VIN Foldback Current Limit
Voltage vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
VOLTAGE (V)
0
1
3.3V
5V
23
4
4244 G01
5
60
50
40
30
20
10
0
VOLTAGE (V)
0
246
10
8
4244 G02
12
1.0
0.9
0.7
0.5
0.3
0.8
0.6
0.4
0.2
0.1
0
VOLTAGE (V)
0
–2
–4
–6
–10
–8
4244 G03
–12
–0.6
–0.5
–0.3
–0.4
–0.2
–0.1
0
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G04
100
0.9
0.8
0.7
0.6
0.5
0.3
0.4
0.2
0.1
0
12VOUT = 10V
12VOUT = 0V
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G05
100
0.6
0.5
0.3
0.4
0.2
0.1
0
VEEOUT = 10V
VEEOUT = 0V
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G06
100
0.30
0.25
0.15
0.20
0.10
0.05
0
I12VOUT = 550mA
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G07
100
0.14
0.12
0.10
0.06
0.08
0.04
0.02
0
IVEEIN = 100mA
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G09
100
60
50
30
40
20
10
0
3.3VOUT = 2V
3.3VOUT = 0V
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G08
100
60
50
30
40
20
10
0
5VOUT = 3V
5VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com