Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABDFTCXO Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABDFTCXO
Description  DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABDFTCXO Datasheet(HTML) 3 Page - Abracon Corporation

  ABDFTCXO Datasheet HTML 1Page - Abracon Corporation ABDFTCXO Datasheet HTML 2Page - Abracon Corporation ABDFTCXO Datasheet HTML 3Page - Abracon Corporation ABDFTCXO Datasheet HTML 4Page - Abracon Corporation ABDFTCXO Datasheet HTML 5Page - Abracon Corporation ABDFTCXO Datasheet HTML 6Page - Abracon Corporation ABDFTCXO Datasheet HTML 7Page - Abracon Corporation ABDFTCXO Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05.19.2017
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
ABDFTCXO/ABDFVCTCXO SERIES
MSL = 3
9.0 x 14.0 x 3.0mm
Pb RoHS/RoHS II Compliant
ESD SENSITIVE
STANDARD SPECIFICATIONS (CONT.)
PARAMETERS
MINIMUM
TYPICAL
MAXIMUM
UNITS
NOTES
RMS Jitter (12kHz ~ 20MHz BW) @ 25°C
16.384 MHz Carrier
650
1,300
fs
20.000 MHz Carrier
525
1,300
fs
10.000 MHz Carrier
650
1,300
fs
26.000 MHz Carrier
450
1,300
fs
13.000 MHz Carrier
775
1,300
fs
40.000 MHz Carrier
325
1,300
fs
20.000 MHz Carrier
450
1,300
fs
Phase Noise
F
0 @ 20.000 MHz
-85
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-135
Offset @1kHz
-145
Offset @10kHz
-150
Offset @100kHz
-155
Offset @ 5MHz
F
0/2 @ 10.000 MHz
-90
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-135
Offset @1kHz
-145
Offset @10kHz
-150
Offset @100kHz
-155
Offset @ 5MHz
F
0 @ 26.000 MHz
-85
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-135
Offset @1kHz
-145
Offset @10kHz
-150
Offset @100kHz
-150
Offset @ 5MHz
F
0/2 @ 13.000 MHz
-75
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-135
Offset @1kHz
-150
Offset @10kHz
-150
Offset @100kHz
-155
Offset @ 5MHz
F
0 @ 40.000 MHz
-80
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-125
Offset @1kHz
-140
Offset @10kHz
-150
Offset @100kHz
-150
Offset @ 5MHz
F
0/2 @ 20.000 MHz
-80
dBc/Hz
Offset @10Hz
-100
Offset @100Hz
-135
Offset @1kHz
-140
Offset @10kHz
-145
Offset @100kHz
-155
Offset @ 5MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com