Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABDFTCXO Datasheet(PDF) 7 Page - Abracon Corporation

Part # ABDFTCXO
Description  DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABDFTCXO Datasheet(HTML) 7 Page - Abracon Corporation

  ABDFTCXO Datasheet HTML 1Page - Abracon Corporation ABDFTCXO Datasheet HTML 2Page - Abracon Corporation ABDFTCXO Datasheet HTML 3Page - Abracon Corporation ABDFTCXO Datasheet HTML 4Page - Abracon Corporation ABDFTCXO Datasheet HTML 5Page - Abracon Corporation ABDFTCXO Datasheet HTML 6Page - Abracon Corporation ABDFTCXO Datasheet HTML 7Page - Abracon Corporation ABDFTCXO Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05.19.2017
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
ABDFTCXO/ABDFVCTCXO SERIES
MSL = 3
9.0 x 14.0 x 3.0mm
Pb RoHS/RoHS II Compliant
ESD SENSITIVE
TYPICAL PHASE NOISE & JITTER CHARACTERISTICS
Pin Function
1
NC (for TCXO)
Vc (for VCTCXO)
2
GND
3
Output #1 (F0)
4
Vdd
5
Output #2 (F0/2)
*
For factory test only
REFLOW PROFILE
Zone
Description
Temperature
Time
1
Preheat
T
SMIN ~ TSMAX
150°C ~ 200°C
60 ~ 120 sec.
2
Reflow
T
L
220°C
60 ~ 150 sec.
3
Peak Heat
T
P
260°C
25 sec. MAX
Dimensions: mm
RECOMMENDED LAND PATTERN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com