Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29CF010-55CCIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS29CF010-55CCIN
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF010-55CCIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS29CF010-55CCIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
128K X 8 Bit CMOS 5.0 Volt-only
Features
5.0V ± 10% for read and write operations
Access times:
- 55ns(max.)
Current:
- 20 mA typical active read current
- 30 mA typical program/erase current
- 1 μA typical CMOS standby
Flexible sector architecture
-
32 KbyteX4 sectors
-
Any combination of sectors can be erased
-
Supports full chip erase
-
Sector protection:
A hardware method of protecting sectors to prevent any
inadvertent program or erase operations within that
sector
Embedded Erase Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors and
verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies bytes at specified addresses
Minimum 100,000 program/erase cycles per sector
20-year data retention at 125°C
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-supply
Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
-
Provides a software method of detecting completion of
program or erase operations
Erase Suspend/Erase Resume
-
Suspends a sector erase operation to read data from, or
program data to, a non-erasing sector, then resumes the
erase operation
Package options
-
32-pin PLCC
Industrial operating temperature range:
-40°C to 85°C
General Description
The AS29CF010-55CCIN is a 5.0 volt-only Flash memory
organized as 131,072 bytes of 8 bits each. The 128 Kbytes
of data are further divided into four sectors for flexible
sector erase capability. The 8 bits of data appear on I/O0 - I/
O7 while the addresses are input on A0 to A16. The
AS29CF010-55CCIN is offered in 32-pin PLCC packages.
This device is designed to be programmed in-system with
the standard system 5.0 volt VCC supply. Additional 12.0 volt
VPP is not required for in-system write or erase operations.
However, the
AS29CF010-55CCIN can also be programmed in
standard EPROM programmers.
The AS29CF010-55CCIN has the first toggle bit, I/O6,
which indicates whether an Embedded Program or Erase is in
progress, or it is in the Erase Suspend. Besides the I/O6
toggle bit, the AS29CF010-55CCIN has a second toggle bit,
I/O2, to indicate whether the addressed sector is being
selected for erase. The AS29CF010-55CCIN also offers the
ability to program in the Erase Suspend mode. The standard
AS29CF010-55CCIN offers access times of 55 ns allowing
high-speed microprocessors to operate without wait states. To
eliminate bus contention the device has separate
chip enable (
CE ), write enable ( WE ) and output enable
(
OE ) controls.
The device requires only a single 5.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The AS29CF010-55CCIN is entirely software command set
compatible with the JEDEC single-power-supply Flash
standard. Commands are written to the command
register using standard microprocessor write timings.
Register contents serve as input to an internal state-machine
that controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for
the programming and erase
operations. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device erasure occurs by executing the proper erase
command sequence. This initiates the Embedded Erase
algorithm - an internal algorithm that automatically
preprograms the array (if it is not already programmed) before
executing the erase operation. During erase, the device
automatically times the erase pulse widths and verifies proper
erase margin.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 (
Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data contents
of other sectors. The AS29CF010-55CCIN is fully erased
when shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the
sectors of memory. This can be achieved via programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program data
to, any other sector that is not selected for erasure. True
background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
AS29CF010-55CCIN
Confidential
- 2 of 28 -
Rev.1.0. July. 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com