Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29CF010-55CCIN Datasheet(PDF) 28 Page - Alliance Semiconductor Corporation

Part # AS29CF010-55CCIN
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF010-55CCIN Datasheet(HTML) 28 Page - Alliance Semiconductor Corporation

Back Button AS29CF010-55CCIN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 25Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 26Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 27Page - Alliance Semiconductor Corporation AS29CF010-55CCIN Datasheet HTML 28Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AS29CF010-55CCIN
Confidential
- 28 of 28 -
Rev.1.0. July. 2019
Alliance Memory, Inc.
511 Taylor Way,
San Carlos, CA 94070
Tel: 650-610-6800
Fax: 650-620-9211
www.alliancememory.com
Copyright © Alliance Memory
All Rights Reserved
© Copyright 2007 Alliance Memory, Inc. All rights reserved. Our three-point logo, our name and Intelliwatt are
trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their
respective companies. Alliance reserves the right to make changes to this document and its products at any time
without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data
contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right
to change or correct this data at any time, without notice. If the product described herein is under development,
significant changes to these specifications are possible. The information in this product data sheet is intended to be
general descriptive information for potential customers and users, and is not intended to operate as, or provide, any
guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of
the application or use of any product described herein, and disclaims any express or implied warranties related to the
sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose,
merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms
and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively
according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a
license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of
Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting
systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the
inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such
use and agrees to indemnify Alliance against all claims arising from such use.
PART NUMBERING SYSTEM
(-40°C +85°C)
AS
29
C
F010
-55
CC
I
N
Alliance Memory
Parallel Flash
Device
Voltage code
C=5.0V (4.5V~5.5V)
Flash device
density
Speed grade
55ns
32Pin Pb-Free
PLCC
Industrial temp ROHS compliant Pb and
Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com