Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29CF040-55CCIN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS29CF040-55CCIN
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF040-55CCIN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS29CF040-55CCIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Absolute Maximum Ratings*
Ambient Operating Temperature …. . . . . -55°C to + 125°C
Storage Temperature . . . . . . . . . . …. . . . -65°C to + 125°C
VCC to Ground . . . . . . . . . . . . . . . . . …. . . . . -2.0V to 7.0V
Output Voltage (Note 1) . . . . . . . . . . . . ….. . . -2.0V to 7.0V
A9 &
OE (Note 2) . . . . . . . . . . . . . . . . . . …. -2.0V to 12.5V
All other pins (Note 1) . . . . . . . . . . . . . . . . . …-2.0V to 7.0V
Output Short Circuit Current (Note 3) . . . . . . . …. . . 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, inputs may undershoot VSS to -2.0V
for periods of up to 20ns. Maximum DC voltage on output
and I/O pins is VCC +0.5V. During voltage transitions,
outputs may overshoot to VCC +2.0V for periods up to
20ns.
2. Minimum DC input voltage on A9 pins is -0.5V. During
voltage transitions, A9 and
OE may overshoot VSS to -
2.0V for periods of up to 20ns. Maximum DC input
voltage on A9 and
OE is +12.5V which may overshoot to
13.5V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended periods
may affect device reliability.
Operating Ranges
VCC Supply Voltages
VCC for ± 10% devices ….. ….. . . . . . . . . . . +4.5V to +5.5V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus
operations table lists the inputs and control levels required,
and the resulting output. The following subsections describe
each of these operations in further detail.
Table 1. AS29CF040-55CCIN Device Bus Operations
Operation
CE
OE
WE
A0 – A18
I/O0 - I/O7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
CMOS Standby
VCC ± 0.5 V
X
X
X
High-Z
TTL Standby
H
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: See the "Sector Protection/Unprotection" section, for more information.
AS29CF040-55CCIN
Confidential
- 5 of 27 -
Rev.1.0. July 2019
Industrial operating temperature range:
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com