Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29CF040-55CCIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS29CF040-55CCIN
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF040-55CCIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS29CF040-55CCIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the
CE and OE pins to VIL. CE is the power control and
selects the device.
OE is the output control and gates array
data to the output pins.
WE should remain at VIH all the time
during read operation. The internal state machine is set for
reading array data upon device power-up, or after a
hardware reset. This ensures that no spurious alteration of
the memory content occurs during the power transition. No
command is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid data
on the device data outputs. The device remains enabled for
read access until the command register contents are altered.
See "Reading Array Data" for more information. Refer to the
AC Read Operations table for timing specifications and to the
Read Operations Timings diagram for the timing waveforms,
lCC1 in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and
OE to VIH. An erase operation can erase one sector,
multiple sectors, or the entire device. The Sector Address
Tables indicate the address range that each sector occupies.
A "sector address" consists of the address inputs required to
uniquely select a sector. See the "Command Definitions"
section for details on erasing a sector or the entire chip, or
suspending/resuming the erase operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on I/O7 - I/O0. Standard
read cycle timings apply in this mode. Refer to the
"Autoselect Mode" and "Autoselect Command Sequence"
sections for more information.
ICC2 in the Characteristics table represents the active current
specification for the write mode. The "AC Characteristics"
section contains timing specification tables and timing
diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on I/O7 - I/O0. Standard read cycle timings and ICC read
specifications apply. Refer to "Write Operation Status" for
more information, and to each AC Characteristics section for
timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode,
current consumption is greatly reduced, and the outputs are
placed in the high impedance state, independent of the
OE
input.
The device enters the CMOS standby mode when the
CE
pin is held at VCC ± 0.5V. (Note that this is a more restricted
voltage range than VIH.) The device enters the TTL standby
mode when
CE is held at VIH. The device requires the
standard access time (tCE) before it is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is
completed.
ICC3 in the DC Characteristics tables represents the standby
current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
Table 2. Sector Addresses Table
Sector
A18
A17
A16
Address Range
SA0
0
0
0
00000h - 0FFFFh
SA1
0
0
1
10000h - 1FFFFh
SA2
0
1
0
20000h - 2FFFFh
SA3
0
1
1
30000h - 3FFFFh
SA4
1
0
0
40000h - 4FFFFh
SA5
1
0
1
50000h - 5FFFFh
SA6
1
1
0
60000h - 6FFFFh
SA7
1
1
1
70000h - 7FFFFh
Note: All sectors are 64 Kbytes in size.
AS29CF040-55CCIN
Confidential
- 6 of 27 -
Rev.1.0. July 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com