Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1076BFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM1076BFW
Description  LCD Module User Manual
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM1076BFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM1076BFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TOPWAY
LCD Module User Manual
LM1076BFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name:LM1076BFW-Manual-Rev0.2
Page: 4 of 15
1.4
Terminal Functions
1.4.1 Parallel Interface
Pin No.
(K1)
PIN
Name
I/O
Descriptions
Display
8-bit parallel
80mode(default)
8-bit parallel
68mode
1
VSS
Supply
Negative power supply,0V
2
VDD
Supply
Positive power supply
3
D7
I/O
8-bit Data bus;
Three state I/O terminal for display data or instruction data
when /CS0=H,
D7~D0=High Impedance
:
:
9
D1
I/O
10
D0
11
/RD
<E>
Input
/WR=H,/RD=L→H;
Data or Status read form the
LCD module
In read mode
R/W=H,E=H;
Data or Status read form the
LCD module
12
/WR
(R/W)
Input
/WR=L→H,/RD=H;
Data or Status read form the
LCD module
InWrite mode
R/W=L,E=H→L;
Data or Status read form the
LCD module
13
D/C
Input
Register Select
D/C = H, Transferring the Display Data
D/C = L, Transferring the Control Data
14
/RST
Input
Reset signal
/RST = L, Initialization is executed
/RST = H, Normal running.
15
/CS0
Input
Chip Select
/CS0=L, enable access to the LCD module
/CS0=H, disable access to the LCD module
16
BLA
Supply
Positive power for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com