Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1076BFW Datasheet(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM1076BFW
Description  LCD Module User Manual
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM1076BFW Datasheet(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM1076BFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM1076BFW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TOPWAY
LCD Module User Manual
LM1076BFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name:LM1076BFW-Manual-Rev0.2
Page: 9 of 15
3.3.3 4-Write serial
D/C
/CS0
VSS=0V, VDD=3.0V, TOP=25
C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Address setup time (D/C)
tass8
5
-
-
ns
Address hold time (D/C)
tahs8
5
-
-
ns
System cycle time (8bit)
tcys8
145
-
-
ns
SCLK low pulse width
tlpws8
107
-
-
ns
SCLK high pulse width
thpws8
65
-
-
ns
SDA data setup time
tdss8
63
-
-
ns
SDA data hold time
tdhs8
67
-
-
ns
Chip select setup time
tcssas8
7
-
-
ns
Chip select hold time
tcshs8
7
-
-
ns
`
Note:
*1. Input signal rise/fall time should be less than 15ns .
*2. CL=100pF
*3.All timing is using 20% and 80% of VDD as the reference.
3.3.4 Reset Timing
VSS=0V, VDD=3.0V, TOP=25
C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset LOW pulse width
trw
4
-
-
ms
Internal Resetting time
trd
13
Note:
*1.All timing is using 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com