Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDM35 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # RDM35
Description  iVu Machine-Mountable Remote Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

RDM35 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  RDM35 Datasheet HTML 1Page - Banner Engineering Corp. RDM35 Datasheet HTML 2Page - Banner Engineering Corp. RDM35 Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
For use with iVu Remote Series Sensors
• 89 mm (3.5 in) diagonal color LCD flat-panel touch screen display
• Connects directly to an iVu Remote Series sensor
• Five cordset lengths available, ordered separately
• Provides remote viewing of the iVu sensor image and user interface
• Exceptionally wide viewing angle—60 degrees left and 60 degrees right; 50
degrees up, and 55 degrees down
• Two LEDs provide feedback on the remote sensor operation—one for Power/
Error, and the other indicating inspection Pass/Fail
• Can be safely disconnected and reconnected to a live sensor
• Mounting bracket and stylus included with cordset kit (ordered separately)
Models
Model
Description
RDM35
89 mm (3.5 in) Diagonal Machine-Mountable Remote Touch Screen
Using the iVu Remote Display with iVu Sensors
The iVu Machine-Mountable Remote Display is used to setup iVu models that do not have integrated touch-screen displays. The new
iVu Machine-Mountable Remote Display was designed to be used in applications where the Remote Display will always be connected to
a sensor for constant monitoring or frequent programming, especially within electrically noisy environments.
The iVu Machine-Mountable Remote Display can be held in hand with a cable directly connecting the display to an iVu sensor
Note: The Machine-Mountable Remote Display cordset kit include the mounting bracket and stylus.
Specifications
Screen Size
3.5 in. diagonal
LCD Aspect Ratio
4:3
Display Resolution
320 × 240 RGB
Viewing Angle
60 degrees left, and 60 degrees right; 50 degrees up, and 55 degrees down
Housing Material
Zinc Zamac #3
Bracket Material
ABS
Stylus
Delrin
Display Weight
12 oz
Bracket with Stylus Weight
1.1 oz
Connection
8-pin M12 circular
Operating Temperature
0° to 50° C (32° to 122° F)
Environmental Rating
IP20
Certifications
iVu Machine-Mountable Remote Display
Original Document
166096 Rev. B
31 July 2017
166096


Similar Part No. - RDM35

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RDM E-SWITCH-RDM Datasheet
1Mb / 4P
rDm SerieS rotary Dip Switch
logo
SUN HOLD ELECTRIC INC
RDM-2C-12 SUNHOLD-RDM-2C-12 Datasheet
892Kb / 2P
RDM SERIES
RDM-2C-12-L SUNHOLD-RDM-2C-12-L Datasheet
892Kb / 2P
RDM SERIES
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
MULTIBAND ANTENNA
Rev B
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
GPSGSM COMBINATION ANTENNA
Rev A
More results

Similar Description - RDM35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-140 ETC-RS-140 Datasheet
232Kb / 2P
Micro-size Surface Mountable Infrared Remote Control Receiver Unit
logo
Honeywell Solid State E...
RDD100 HONEYWELL-RDD100 Datasheet
92Kb / 2P
Remote Digital Display
logo
Vishay Siliconix
VTRD10 VISHAY-VTRD10 Datasheet
234Kb / 3P
Remote Weight Display
05-Dec-07
logo
List of Unclassifed Man...
FLUKE233 ETC2-FLUKE233 Datasheet
204Kb / 2P
Remote Display Multimeter
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
Supports Remote Display Function
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
Supports Remote Display Function
FOX-12R AAEON-FOX-12R Datasheet
291Kb / 2P
Supports Remote Display Technology
logo
Banner Engineering Corp...
RSD1 BANNER-RSD1_V01 Datasheet
1Mb / 21P
RSD1 Remote Display
RSD1 BANNER-RSD1 Datasheet
207Kb / 4P
RSD1 Remote Display
logo
4D Systems Pty Ltd
4DISCOVERY-50 4DSYSTEMS-4DISCOVERY-50 Datasheet
3Mb / 43P
Wall Mountable Display Solution
27 th January 2021 / REVISION: 1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com