Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9910B Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd FC9910B Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
When the buck topology is used, and the LED is connected in series with the inductor, there is no need for
any protection against an open circuit condition in the LED string. Open LED connection means no switching
and can be continuous. However, in the case of the buck-booster or the flyback topology the FC9910B may
cause excessive voltage stress of the switching transistor and the rectifier diode and potential failure.
In the case, the FC9910B can be disabled by pulling the PWM_D pin to ground when the over voltage
condition is detected.
Application Information (Continued)
FC9910B
2013. 08. 29
8/10
Revision No : 1
10. output Open Circuit Protection
Figure 4:Typical Application Circuit
0.2 Ω
AC Input
85-135V AC
68µ F,
160 V
750µΗ ,
LEDs
ES1B
FTK4N60D/F
coilcraft
BUSH-2820R5B
VIN
VDD
LD
PW M_D
GND
RT
CS
GATE
0.1µF,
250 V
0.1µF,
250 V
1n F,
250 V
1n F,
250 V
2A,
250 V
2R
NTC
1N4007
1N4007
1N4007
1N4007
FC9910B
68µ F,
160 V
1N4007
1N4007
1µF,
10V
optional for PFC
220nF,
400 V
LED(s) – a string of HB LEDs , 16 diodes
280 kΩ
1N4007*4 = DF06 / DF06S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com