Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9910B Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd FC9910B Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
The buck power conversion topology can be used
when the LED string voltage is needed to be lower
then the input supply voltage. The design procedure
for a buck LED driver outlined in the previous
chapters can be applied to the low voltage LED
drivers as well. However, the designer must keep in
mind that the input voltage must be maintained
higher than 2 times the forward voltage drop across
the LEDs.
This limitation is rated to the output
current instability that may develop when the FC9910B
buck converter operates at a duty cycle greater than
0.5. This instability reveals itself as an oscillation of
the output current at a sub-harmonic of the switching
frequency.
The power conversion topology can be used when
the forward voltage drop of the LED string is higher,
equal or lower than the input supply voltage. For
example, the buck-booster topology can be appropriate
battery(12V) and output string consists of three to six
HB LEDs, as the case ma be for fail and break
signal lights.
In the buck-booster converter, the energy from the
input source is first stored in the inductor or a flyback
transformer when the switching transistor is ON. The
energy is then delivered to the output during the OFF
time of the transistor. When the energy stored in the
flyback inductor is not fully depleted by the next
switching cycle (continuous conduction mode ) the
DC conversion between input and output voltage is
given by:
Vout = -Vin * D / (1-D)
The output voltage can be either higher or lower than
the input voltage, depending on duty ratio.
Let us discuss the above exanple of an auto-motive
LED driver that needs to drive three HB LEDs at
350mA. Knowing the nominal input voltage VIN=12V,
the nominal duty ratio can be determined, as
3. Output Capacitor
Then, given the switching frequency, in this example
f
= 50kHz, the required on-time of the MOSFET
transistor can be calculated:
Unlike the buck topology, the buck-booster converter
requires an output filter capacitor to deliver power to
the LED string during the ON time of switching the
transistor, when the flyback inductor current is
diverted from the output of the converter.
In the order to average the current in the LED, this
capacitor must present impeadance to the switching
output AC ripple current that is much lower than the
dynamic impeadance Rout of the LED string.
If we assume Rout=3 Ohm in our example, in order to
attenuate the switching ripple by a factor of 10, a
capacitor with equivarent series resistance (ESR) of
0.3 Ohm is needed. A chip SMT tantalium capacitor
can be selected for this purpose.
FC9910B
2013. 08. 29
9/10
Revision No : 1
Application Information (Continued)
DC DC Low Voltage Application
1. Buck Converter Operation
2. Flyback(Buck-Booster) Operation
D = V
/ (Vin + V
) = 9 / (12+9) = 0.43
LEDs
LEDs
OSC
L = Vin * T
/ (0.3* I
) = 0.98mH, use 1mH
ON
LED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com