Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CPL2
Description  Multi-phase power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPL2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CPL2 Datasheet HTML 1Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 2Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 3Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4357
Effective December 2015
Supersedes January 2012
Product description
•
High current multi-phase inductor applications
•
Low core loss, high efficiency
•
50nH per phase coupled inductor
•
Ferrite core material
•
Frequency range up to 2MHz
•
Patents pending
•
Halogen free, lead free and RoHS compliant
Applications
•
For exclusive use with Volterra® or Maxim®
VPR-Devices
Environmental Data
•
Storage temperature range (component):
-40°C to +125°C
•
Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
Volterra® is a registered trademark of Volterra Semiconductor, LLC.
Maxim® is a registered trademark of Maxim Integrated Devices, Inc.
Pb
HALOGEN
HF
FREE
CPL2
Multi-phase power inductors


Similar Part No. - CPL2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CPL2-2-50TR-R COOPER-CPL2-2-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
CPL2-3-50TR-R COOPER-CPL2-3-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
CPL2-4-50TR-R COOPER-CPL2-4-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
CPL2-5-50TR-R COOPER-CPL2-5-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
logo
XP Power Limited
CPL225PD12 XPPOWER-CPL225PD12 Datasheet
189Kb / 4P
AC-DC Open Frame
More results

Similar Description - CPL2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CPL2-4-50TR-R COOPER-CPL2-4-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
logo
Eaton All Rights Reserv...
CL1108 EATON-CL1108 Datasheet
358Kb / 5P
Multi-phase power inductors
CLB1108 EATON-CLB1108 Datasheet
506Kb / 5P
Multi-phase power inductors
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
logo
WALSIN TECHNOLOGY CORPO...
WLFM160808 WALSIN-WLFM160808 Datasheet
1Mb / 8P
Multi-Layer Power Inductors
WLFM WALSIN-WLFM Datasheet
1Mb / 10P
Multi-Layer Power Inductors
logo
Eaton All Rights Reserv...
CL0904 EATON-CL0904 Datasheet
614Kb / 4P
Multi-Phase power inductors
CL0608 EATON-CL0608 Datasheet
428Kb / 4P
Multi-phase power inductors
CL1208 EATON-CL1208 Datasheet
864Kb / 8P
Multi-phase power inductors
CTX17-18913-R EATON-CTX17-18913-R Datasheet
475Kb / 3P
Multi-phase power inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com