Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL2 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # CPL2
Description  Multi-phase power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPL2 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  CPL2 Datasheet HTML 1Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 2Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 3Page - Eaton All Rights Reserved. CPL2 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
4357
Effective December 2015
CPL2
Multi-phase power inductors
www.eaton.com/elx
Packaging Information (mm)
Supplied in tape-and-reel packaging on a 13” diameter reel.
Section A-A
User Direction of feed
34.25
1.75
1.5 dia
2.0 dia.
11.6
4.0
72.0
± 0.30
16.0
53.6
2.0
5.1
5.1
5.1
5.1
CPL2-2
750 parts per reel
CPL2-3
600 parts per reel
CPL2-4
500 parts per reel
CPL2-5
400 parts per reel
26.25
1.75
1.5 dia.
2.0 dia
11.6
4.0
56.0
± 0.30
16.0
2.0
26.25
1.75
1.5 dia.
2.0 dia.
11.6
4.0
56.0
± 0.30
16.0
44.6
2.0
35.6
20.25
1.75
1.5 dia.
2.0 dia.
11.6
4.0
44.0
± 0.30
16.0
26.6
2.0
Pin #1
Pin #1
Pin #1
Pin #1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com