Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1823 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 4Page - Microchip Technology EMC1823 Datasheet HTML 5Page - Microchip Technology EMC1823 Datasheet HTML 6Page - Microchip Technology EMC1823 Datasheet HTML 7Page - Microchip Technology EMC1823 Datasheet HTML 8Page - Microchip Technology EMC1823 Datasheet HTML 9Page - Microchip Technology EMC1823 Datasheet HTML 10Page - Microchip Technology EMC1823 Datasheet HTML 11Page - Microchip Technology EMC1823 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
...........continued
Parameters
Sym.
Min.
Typ.
Max.
Units Conditions
Internal Temperature Monitor
Temperature Accuracy
—
—
±0.25
±1
°C
External Temperature Monitor
Temperature Accuracy -
8 Lead
—
—
±0.25
±1
°C
-20°C < TA < 105°C, -40°C <
TD < +125°C, 2N3904
—
±0.25
±1.5
°C
-40°C < TA < +125°C, -40°C <
TD < +125°C, 2N3904
Temperature Accuracy -
10 Lead
—
—
±0.25
±1
°C
-20°C < TA < 125°C, -40°C <
TD < +125°C, 2N3904
—
±0.25
±1.5
°C
-40°C < TA < +125°C, -40°C <
TD < +125°C, 2N3904
Temperature Resolution
—
—
0.125
°C
Timing and Capacitive Filter
Time to First
Communications
tINT_T
—
15
20
ms
Time after power-up before
ready to begin
communications and
measurement
Conversion Time per
Channel
tCONV
—
25
—
ms
Default settings
Time to First Conversion
from One-shot
—
5
—
ms
Time to First Conversion
from Standby
tCONV1
—
220
—
ms
Default settings
Capacitive Filter
CFILTER
—
2.2
2.7
nF
Connected across external
diode
ALERT and THERM Pins
Output Low Voltage
VOL
0.4
—
—
V
ISINK = 8 mA
Leakage Current
ILEAK
—
—
±5
µA
ALERT and THERM pins
Device powered
pull-up voltage < 3.6V
SCL and SDA
Input
High-Level Voltage
VIH
0.7VDD —
—
V
Low-Level Voltage
VIL
—
—
0.3VDD V
Input Current
IIN
—
—
±5
µA
SDA and SCL only
Multi-Channel Low Voltage Temp Sens...
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com