Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1823 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1823 Datasheet HTML 1Page - Microchip Technology EMC1823 Datasheet HTML 2Page - Microchip Technology EMC1823 Datasheet HTML 3Page - Microchip Technology EMC1823 Datasheet HTML 4Page - Microchip Technology EMC1823 Datasheet HTML 5Page - Microchip Technology EMC1823 Datasheet HTML 6Page - Microchip Technology EMC1823 Datasheet HTML 7Page - Microchip Technology EMC1823 Datasheet HTML 8Page - Microchip Technology EMC1823 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
Multi-Channel Low Voltage
Temp Sensors with Shutdown
EMC1822/23/24/25/43
Features
•
Measures Temperature Rate of Change Calculation with Preemptive Alert(s) Limits
•
Up to Four External Temperature Monitors:
–
8 Lead Devices: ±1°C maximum accuracy (-20°C to +105°C TA, -40°C to +125°C TD)
–
±1.5°C maximum accuracy (-40°C to +125°C TA, -40°C to +125°C TD)
–
10 Lead Devices:±1°C maximum accuracy (-20°C to +125°C TA, -40°C to +125°C TD)
–
±1.5°C maximum accuracy (-40°C to +125°C TA, -40°C to +125°C TD)
•
Internal Temperature Sensor:
–
±1°C maximum accuracy, -40°C to +125°C
•
Temperature Sensor Resolution (Internal/External): 0.125°C
•
Resistor Programmable System Shutdown Temperature
•
Configurable Alert Pins
•
Operating Voltage: 1.62V to 3.6V
•
Temperature Range: -40°C to +125°C
•
Other Features: Auto-Beta Compensation, Configurable Ideality Factor, Hottest Diode Compare,
Resistance Error Correction
•
Available in 8-Lead 2x2 mm WDFN and 10-Lead 2.5x2.0 mm VDFN Packages
Typical Applications
•
Temperature Sensitive Storage
•
Industrial
•
IoT for Low-System Voltage
•
Portable Electronics
•
Handheld Gaming
•
Computing
•
Food Storage
Description
The EMC1822/23/24/25/43 devices are high-accuracy, 2-wire (I2C) temperature sensors with resistor
programmable system shutdown. The devices monitor up to five temperature channels. Advanced
features, such as Resistance Error Correction (REC), Beta Compensation (to support CPU diodes
requiring the BJT/Transistor model), and rate of temperature change measurement combine to provide a
robust solution for complex environmental monitoring applications.
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 1


Similar Part No. - EMC1823

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
EMC1812T-1E MICROCHIP-EMC1812T-1E Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
EMC1812T-1ERW MICROCHIP-EMC1812T-1ERW Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
EMC1812T-2E MICROCHIP-EMC1812T-2E Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
EMC1812T-2ERW MICROCHIP-EMC1812T-2ERW Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
More results

Similar Description - EMC1823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Feb-2003
logo
Sipex Corporation
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
logo
Micro Linear Corporatio...
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
Sipex Corporation
SP6830 SIPEX-SP6830 Datasheet
208Kb / 16P
Low Power Voltage Inverters With Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com