Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2967167 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2967167
Description  Relay socket - PLC-BSP-120UC/21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2967167 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2967167 Datasheet HTML 1Page - PHOENIX CONTACT 2967167 Datasheet HTML 2Page - PHOENIX CONTACT 2967167 Datasheet HTML 3Page - PHOENIX CONTACT 2967167 Datasheet HTML 4Page - PHOENIX CONTACT 2967167 Datasheet HTML 5Page - PHOENIX CONTACT 2967167 Datasheet HTML 6Page - PHOENIX CONTACT 2967167 Datasheet HTML 7Page - PHOENIX CONTACT 2967167 Datasheet HTML 8Page - PHOENIX CONTACT 2967167 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/products/2967167
07/15/2016   Page 1 / 10
Relay socket - PLC-BSP-120UC/21 - 2967167
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
6.2 mm PLC basic terminal block with spring-cage connection, without relay or solid-state relay, for mounting on
DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/DC
Key Commercial Data
Packing unit
1 STK
GTIN
Weight per Piece (excluding packing)
27.47 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 55 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Input data


Similar Part No. - 2967167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2967109 PHOENIX-2967109 Datasheet
89Kb / 5P
Relay Module - PLC-RSC- 24DC/ 1- 1/ACT
2967112 PHOENIX-2967112 Datasheet
96Kb / 6P
Relay Module - PLC-RSC- 24UC/21-21AU
2967125 PHOENIX-2967125 Datasheet
97Kb / 6P
Relay Module - PLC-RSC- 24DC/21-21AU
2967138 PHOENIX-2967138 Datasheet
97Kb / 6P
Relay Module - PLC-RSC-120UC/21-21AU
2967141 PHOENIX-2967141 Datasheet
221Kb / 17P
Relay Module - PLC-RSC-230UC/21-21AU
09/12/2020
More results

Similar Description - 2967167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900287 PHOENIX-2900287 Datasheet
66Kb / 3P
Relay base - PLC-BPT-120UC/21-21
2912426 PHOENIX-2912426 Datasheet
110Kb / 9P
Relay socket - PLC-BSP- 12DC/21-21
2912442 PHOENIX-2912442 Datasheet
109Kb / 9P
Relay socket - PLC-BSP- 24UC/21-21
2912471 PHOENIX-2912471 Datasheet
109Kb / 9P
Relay socket - PLC-BSP-120UC/21-21
2967086 PHOENIX-2967086 Datasheet
107Kb / 6P
Relay Module - PLC-RSC-120UC/21-21
2967154 PHOENIX-2967154 Datasheet
116Kb / 9P
Relay socket - PLC-BSP-120UC/ 1/SEN
2967183 PHOENIX-2967183 Datasheet
116Kb / 9P
Relay socket - PLC-BSP-230UC/21
2967329 PHOENIX-2967329 Datasheet
116Kb / 9P
Relay socket - PLC-BSP- 48DC/21
2967332 PHOENIX-2967332 Datasheet
116Kb / 9P
Relay socket - PLC-BSP- 60DC/21
2980351 PHOENIX-2980351 Datasheet
88Kb / 4P
Relay base - PLC-BSP-120UC/21/SO46
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com