Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2967167 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2967167
Description  Relay socket - PLC-BSP-120UC/21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2967167 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2967167 Datasheet HTML 1Page - PHOENIX CONTACT 2967167 Datasheet HTML 2Page - PHOENIX CONTACT 2967167 Datasheet HTML 3Page - PHOENIX CONTACT 2967167 Datasheet HTML 4Page - PHOENIX CONTACT 2967167 Datasheet HTML 5Page - PHOENIX CONTACT 2967167 Datasheet HTML 6Page - PHOENIX CONTACT 2967167 Datasheet HTML 7Page - PHOENIX CONTACT 2967167 Datasheet HTML 8Page - PHOENIX CONTACT 2967167 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/us/products/2967167
07/15/2016   Page 2 / 10
Relay socket - PLC-BSP-120UC/21 - 2967167
Technical data
Input data
Nominal input voltage UN
120 V AC/DC
Status display
LED
Protective circuit
Bridge rectifier
Bridge rectifier
Output data
Compatible components
Miniature relay, REL-MR-60DC/21AU, REL-MR-60DC/21;
miniature optocoupler, OPT-60DC/48DC/100, OPT-60DC/24DC/2,
OPT-60DC/230AC/1
Connection data, input side
Connection name
Input side
Connection method
Spring-cage connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data, output side
Connection name
Output side
Connection method
Spring-cage connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
General
Protective circuit
Bridge rectifier
Color
green
Operating mode
100% operating factor
Flammability rating according to UL 94
V0
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Connection in acc. with standard
CUL
Flammability rating according to UL 94
V0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com