Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR01F30 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FDR01F30
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR01F30 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FDR01F30 Datasheet HTML 1Page - First Silicon Co., Ltd FDR01F30 Datasheet HTML 2Page - First Silicon Co., Ltd FDR01F30 Datasheet HTML 3Page - First Silicon Co., Ltd FDR01F30 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2014. 04. 03
4/4
Revision No : 0
FDR01F20~FDR01F40
Packing information
Unit mm
W
0.1
8.00
D0
0.1
1.50
P0
0.1
4.00
E1
0.1
1.75
P1
0.1
2.00
P2
0.1
2.00
A0
0.01
0.35
B0
0.01
0.65
K0
0.01
0.30
B1
0.01
1.10
C
0.1
5.50
T
0.01
0.20
T1
0.01
0.10
D1
0.01
0.22
Symbol
tolerance
DSN-0402



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com