Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2273MP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OB2273MP
Description  High Performance Current Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2273MP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OB2273MP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OB2273
High Performance Current Mode PWM Controller
GENERAL INFORMATION
©On-Bright Electronics
Confidential
Preliminary Datasheet
Pin Configuration
The OB2273 is offered in SOT23-6 package,
shown as below.
Ordering Information
Part Number
Description
OB2273MP
SOT23-6, Pb-free in T&R
Package Dissipation Rating
Package
R
θJA(℃/W)
SOT23-6
200
Absolute Maximum Ratings
Parameter
Value
VDD DC Supply Voltage
30 V
VDD Zener Clamp
Voltage
Note
VDD_Clamp+0.1V
VDD DC Clamp Current
10 mA
FB Input Voltage
-0.3 to 7V
Sense Input Voltage
-0.3 to 7V
RT Input Voltage
-0.3 to 7V
Min/Max Operating
Junction Temperature TJ
-20 to 150 ℃
Min/Max Storage
Temperature Tstg
-55 to 160 ℃
Lead
Temperature
(Soldering, 10secs)
260
oC
Note: VDD_Clamp has a nominal value of 34V.
Stresses beyond those listed under “absolute maximum
ratings” may cause permanent damage to the device. These
are stress ratings only, functional operation of the device at
these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure
to absolute maximum-rated conditions for extended periods
may affect device reliability.
OB2273
X
X
Current Mode PWM Controller with
Frequency shuffling
Package
M:SOT23-6
Package Pb free
Blank:Normal
P:lead-free
Marking Information
OB_DOC_DS_227302
- 2 -



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com