Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2273MP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OB2273MP
Description  High Performance Current Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2273MP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OB2273MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 9Page - List of Unclassifed Manufacturers OB2273MP Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OB2273
High Performance Current Mode PWM Controller
OPERATION DESCRIPTION
OB2273 is a highly integrated current mode PWM
control IC optimized for high performance, low
standby power and cost effective offline flyback
converter applications. The ‘Extended
burst
mode’ control greatly reduces the standby power
consumption and helps the design easily to meet
the international power conservation requirements.
•
Startup Current and Start up Control
Startup current of OB2273 is designed to be very
low so that VDD could be charged up above
UVLO threshold level and device starts up quickly.
A large value startup resistor can therefore be
used to minimize the power loss yet achieve a
reliable startup in application.
•
Operating Current
The Operating current of OB2273 is low at 1.8mA.
Good efficiency is achieved with OB2273 low
operating current together with the ‘Extended
burst mode’ control features.
•
Soft Start
OB2273 features an internal 4ms soft start to
soften the electrical stress occurring in the power
supply during startup. It is activated during the
power on sequence. As soon as VDD reaches
UVLO(OFF), the CS peak voltage is gradually
increased from 0.15V to the maximum level.
Every restart up is followed by a soft start.
•
Frequency shuffling for EMI improvement
The frequency Shuffling (switching frequency
modulation) is implemented in OB2273.
The
oscillation frequency is modulated so that the tone
energy is spread out. The spread spectrum
minimizes the conduction band EMI and therefore
eases the system design.
•
Extended Burst Mode Operation
At light load or zero load condition, most of the
power dissipation in a switching mode power
supply is from switching loss on the MOSFET, the
core loss of the transformer and the loss on the
snubber circuit. The magnitude of power loss is in
proportion to the switching frequency. Lower
switching frequency leads to the reduction on the
power loss and thus conserves the energy.
The switching frequency is internally adjusted at
no load or light load condition. The switch
frequency reduces at light/no load condition to
improve the conversion efficiency. At light load or
no load condition, the FB input drops below burst
mode threshold level and device enters Burst
Mode control. The Gate drive output switches only
when VDD voltage drops below a preset level and
FB input is active to output an on state. Otherwise
the gate drive remains at off state to minimize the
switching loss and reduces the standby power
consumption to the greatest extend.
The switching frequency control also eliminates
the audio noise at any loading conditions.
• Oscillator Operation
The switching frequency is internally fixed at
65KHZ.
No
external
frequency
setting
components are required for PCB design
simplification.
•
Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in
OB2273 current mode PWM control. The switch
current is detected by a sense resistor into the cs
pin. An internal leading edge blanking circuit
chops off the sensed voltage spike at initial
internal power MOSFET on state due to snubber
diode reverse recovery and surge gate current of
power MOSFET. The current limiting comparator
is disabled and cannot turn off the internal power
MOSFET during the blanking period. The PWM
duty cycle is determined by the current sense
input voltage and the FB input voltage.
•
Internal Synchronized Slope Compensation
Built-in slope compensation circuit adds voltage
ramp onto the current sense input voltage for
PWM generation. This greatly improves the close
loop stability at CCM and prevents the sub-
harmonic oscillation and thus reduces the output
ripple voltage.
•
Drive
The power MOSFET is driven by a dedicated gate
driver for power switch control. Too weak the gate
drive strength results in higher conduction and
switch loss of MOSFET while too strong gate
drive results the compromise of EMI.
A good tradeoff is achieved through the built-in
totem pole gate design with right output strength
and dead time control. The low idle loss and good
EMI system design is easier to achieve with this
dedicated control scheme.
•
Protection Controls
©On-Bright Electronics
Confidential
Preliminary Datasheet
OB_DOC_DS_227302
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com