Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1926QL9 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1926QL9
Description  JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1926QL9 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1926QL9 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Solomon Systech
Dec 2007 P 20/47
Rev 1.2
SSD1926
7
FUNCTIONAL BLOCK DESCRIPTIONS
7.1
Phase Lock Loop (PLL)
The built-in PLL synthesize the internal clock by an external 2MHz – 4MHz clock through the CLKI and CLKO.
RC circuit should be connected if internal PLL is selected. The input of clock source can be either oscillator or
crystal. If oscillator is used, the clock source is input directly to CLKI and leave CLKO floating. The target
maximum output frequency of the PLL is 85MHz. If sync MCU interface, PLL should be disabled and use direct
clock input to CLKI2.
10kohm
6.4nF
250pF
PLL_VCTRL
10Mohm
2-4MHz
CLKI
CLKO
15pF
15pF
If oscillator input directly to CLKI, this circuit can be omitted
RC circuit for PLL_VCTRL
Figure 7-1 : Circuit for PLL enable
7.2
Embedded Memory
The 256kByte embedded memory can be access by the modules for different functions. For example, frame
buffer, SD read/write buffer, internal buffer for JPEG encoding/decoding, encoded JPEG image output and so
on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com