Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1926QL9 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # SSD1926QL9
Description  JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1926QL9 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button SSD1926QL9 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1926QL9 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Solomon Systech
Dec 2007 P 38/47
Rev 1.2
SSD1926
Figure 11-2 : Typical System Diagram (Generic #2 Bus)
8-Bit
TFT
Display
D[7:0]
FRAME
LINE
SHIFT
DEN
COREVDD
PVDD
IOVDD
LCD_DATA[7:0]
LCD_FRAME
LCD_LINE
LCD_SHIFT
LCD_DEN
LPOWER
RD/WR#
M/R#
CS#
AB[18:1]
DB[15:0]
AB0
WE0#
WE1#
RD#
WAIT#
RESET#
Generic #2
BUS
e.g.LP22XX
A[27:18]
CSn#
A[18:1]
D[15:0]
BLS0#
WE#
BLS1#
OE#
WAIT#
RESET#
Oscillator
Decoder
SSD1926
3.3V
0.1
μF
0.1
μF
0.1
μF
IOVDD
0.1
μF
IOVDD
10k
Ω
4.7k
Ω
4.7k
Ω
1.8V
4.7k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com