Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 224Page - STMicroelectronics STM32H742AI Datasheet HTML 225Page - STMicroelectronics STM32H742AI Datasheet HTML 226Page - STMicroelectronics STM32H742AI Datasheet HTML 227Page - STMicroelectronics STM32H742AI Datasheet HTML 228Page - STMicroelectronics STM32H742AI Datasheet HTML 229Page - STMicroelectronics STM32H742AI Datasheet HTML 230Page - STMicroelectronics STM32H742AI Datasheet HTML 231Page - STMicroelectronics STM32H742AI Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
228/357
DS12110 Rev 7
AHB2
DCMI
2.1
1.9
1.8
1.6
µA/MHz
RNG registers
1.7
2.0
1.3
1.2
RNG kernel
11.0
0.1
9.7
9.4
SDMMC2 registers
47.0
41.0
37.0
34.0
SDMMC2 kernel
1.7
1.2
1.1
1.0
D2SRAM1
5.7
4.9
4.4
3.9
D2SRAM2
5.2
4.5
4.0
3.5
D2SRAM3
4.1
3.6
3.2
2.8
AHB2 bridge
0.1
0.1
0.1
0.1
Total AHB2
79
60
63
58
AHB4
GPIOA
1.5
1.3
1.3
1.1
GPIOB
1.2
1.0
1.0
0.9
GPIOC
0.8
0.7
0.7
0.6
GPIOD
1.1
1.0
1.0
0.9
GPIOE
0.7
0.7
0.7
0.6
GPIOF
0.8
0.8
0.7
0.6
GPIOG
0.9
0.8
0.8
0.7
GPIOH
1.1
1.0
1.0
0.9
GPIOI
0.9
0.9
0.8
0.7
GPIOJ
0.8
0.8
0.7
0.7
GPIOK
0.7
0.8
0.7
0.6
CRC
0.4
0.5
0.4
0.3
BDMA
6.6
5.9
5.3
4.8
ADC3 registers
1.7
1.5
1.2
1.2
ADC3 kernel
0.4
0.3
0.5
0.2
BKPRAM
2.3
1.9
1.7
1.5
AHB4 bridge
0.1
0.1
0.1
0.1
Total AHB4
22
20
19
16
APB3
WWDG1
0.7
0.5
0.5
0.2
µA/MHz
LCD-TFT
81.0
36.0
33.0
30.0
APB3 bridge
0.3
0.2
0.1
0.1
Total APB3
87
41
38
34
Table 137. Peripheral current consumption in Run mode (continued)
Bus
Peripheral
VOS0
VOS1
VOS2
VOS3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com