Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2000 Datasheet(PDF) 2 Page - TT Electronics.

Part # ES2000
Description  Stainless Steel housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ES2000 Datasheet(HTML) 2 Page - TT Electronics.

  ES2000 Datasheet HTML 1Page - TT Electronics. ES2000 Datasheet HTML 2Page - TT Electronics. ES2000 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electronic Switch
ES2000
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Linearity Error:
±0.5% f. s. at 77°F (25°C)
Repeatability:
±0.1% f. s.
Sensor Element:
Piezoresistive silicone measuring sensor
Material
Wetted Parts:
Seals:
Housing:
304 stainless steel
Viton® (FKM fluorelastomer)
Aluminum die-cast
Measuring Ranges (psi):
150
750
1500
3000
6000
9000
Proof Pressure (psi):
220
1100
2175
4400
9000
11,600
Process Connection (male):
1/4-18 NPT, 7/16-20 37° JIC, G1/4, 7/16-20 UNF SAE-4
Electrical Connection:
Plug M 12 x 1; 4-pin
Power Supply:
15 to 32 VDC reverse polarity protected
Power Consumption:
approx. 50 mA (without load)
A/D-Converter
Resolution:
Scanning Rate:
10 bit (1,024 steps per measure span)
200/s (for peak value memory)
Analog Output
Current Output:
Load:
Load Influence:
Scanning Rate:
Voltage Output:
Rating:
Adjustment Range:
4-20 mA
max. Rl = (Ub-12 V) / 20 mA
Rl = 600 ohm at 24 VDC
0.3% / 100 ohm
5 ms
0 to 10 VDC (optional)
max. 10 mA, short circuit-proof
25% to 100% f. s.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com