Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2000 Datasheet(PDF) 3 Page - TT Electronics.

Part # ES2000
Description  Stainless Steel housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ES2000 Datasheet(HTML) 3 Page - TT Electronics.

  ES2000 Datasheet HTML 1Page - TT Electronics. ES2000 Datasheet HTML 2Page - TT Electronics. ES2000 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electronic Switch
ES2000
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Transistor Switching Out-
put(s)
PNP:
Switching Function:
Adjustment Range and
Hysteresis:
Switching Frequency:
Contact Rating:
Delay:
Status Display(s):
Normally open / normally closed, standard-/window-mode
0% to 125% f. s.
max. 100 Hz
Switching current 400 mA, short-circuit-proof
0.0 to 9.9 s adjustable
Green LED(s)
Digital Display
Display Range:
Display Rate:
3-digit 7-segment LED display, height 10 mm, (0.39 inches), red
-1 to 999
20/s
Error Display:
Orange LED (alarm)
Local Operating Interface:
3 push buttons
Temperature Range
Media:
Ambient:
Storage:
-13°F to 212°F (-25°C to +100°C)
14°F to 158°F (-10°C to +70°C)
-22°F to 176°F (-30°C to +80°C)
Temperature Influence:
±0.2% f.s. /10K
Compensation Range:
14°F to 158°F (-10°C to +70°C)
Enclosure Rating:
Type 4, for indoor use only, (NEMA 4 / IP65)
Dimensions (Housing):
1-7/16" X 5-1/8" (36 mm x 130 mm) (without electrical plug)
Additional Features:
Microprocessor, self-monitoring with error code display; all parameters are
configured by keypad.
Keypad lock, rugged construction, vibration and shockproof, long term sta-
bility.
Weight:
Approx. 0.4 lb (200g)
Approvals:
c/ULus: file No. E42816



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com