Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSAS3F3RY2205 Datasheet(PDF) 55 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 55 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 59Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
V8-T3-54
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.6
Inductive Proximity Sensors
AccuProx Analog Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
AccuProx Analog Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Micro-Connector Models
Cable and Pigtail Models
Note
1 For models ending in -C1 (current output only models), pins 2 and 4 are intentionally connected.
Do not connect outputs of -C1 models to separate loads—this sensor should only be connected to a single-output load.
Style
Output(s)
Micro-Connector Models
Cable and Pigtail Models
12 mm diameter models
ending in -C1 1
Current: 4–20 mA
18 and 30 mm diameter
models ending in -C1 1
Models ending in -CV
Current: 0–20 mA
Voltage: 0–10 V
Load
+V
(–)
21
34
BN/1
Load
BU/3
(–)
+V
BK/4
Current Output
Load
+V
Load
(–)
21
34
Load
Voltage
Output
+V
Current
Output
Load
(–)
21
34
BN/1
BK/4
WT/2
BU/3
+V
Current Output
Voltage Output
Load
Load
(–)
Size
Shielding
A
B
C
D
12 mm
Shielded
3.05 (77.5)
1.98 (50.3)
0.02 (0.50)
0.67 (17)
Unshielded
3.05 (77.5)
1.64 (41.6)
0.36 (9)
0.67 (17)
18 mm
Shielded
2.73 (69.3)
2.00 (50.9)
0.02 (0.50)
0.94 (24)
Unshielded
2.73 (69.3)
1.47 (37.4)
0.55 (14)
0.94 (24)
30 mm
Shielded
2.92 (74.1)
2.13 (54.1)
0.03 (0.75)
1.41 (36)
Unshielded
2.92 (74.1)
1.41 (35.8)
0.75 (19)
1.41 (36)
B
C
D
A
Size
Shielding
A
B
C
D
12 mm
Shielded
2.46 (62.4)
1.98 (50.3)
0.02 (0.5)
0.67 (17)
Unshielded
2.46 (62.4)
1.64 (41.6)
0.36 (9)
0.67 (17)
18 mm
Shielded
2.54 (64.5)
2.00 (50.9)
0.02 (0.5)
0.94 (24)
Unshielded
2.54 (64.5)
1.47 (37.4)
0.55 (14)
0.94 (24)
30 mm
Shielded
2.74 (69.6)
2.13 (54.1)
0.03 (0.75)
1.41 (36)
Unshielded
2.74 (69.6)
1.41 (35.8)
0.75 (19)
1.41 (36)
B
C
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com