| Electronic Components Datasheet Search |
|
CSAS3F3RY2205 Datasheet(PDF) 98 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CSAS3F3RY2205 Datasheet(HTML) 98 Page - Eaton All Rights Reserved. |
|
98 / 102 page ![]() Volume 8—Sensing Solutions CA08100010E—September 2017 www.eaton.com V8-T3-97 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 For Customer Service in the U.S. call 1-877-ETN CARE (386-2273), in Canada call 1-800-268-3578. For Application Assistance in the U.S. and Canada call 1-800-426-9184. 3.17 Inductive Proximity Sensors E51 Limit Switch Style, Factory Sealed 6P+ Sensors E51 Limit Switch Style, Factory Sealed 6P+ Sensors Contents Description Page E51 Limit Switch Style, Factory Sealed 6P+ Sensors Product Selection Unitized Sensors . . . . . . . . . . . . . . . . . . . . . V8-T3-98 Compatible Connector Cables . . . . . . . . . . . V8-T3-98 Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-99 Technical Data and Specifications . . . . . . . . . . V8-T3-99 Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-100 Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-100 E51 Limit Switch Style, Factory Sealed 6P+ Sensors Product Description E51 6P+ Inductive Proximity Sensors from Eaton’s Electrical Sector are fully sealed, pre-wired and designed specifically to ensure reliability under the most adverse of environmental conditions. They have been proven to withstand the penetrating properties of dirt, dust, grit, extreme temperatures and humidity. The unitized design eliminates plug-in connections that can lead to reliability problems in rugged environments. Features ● The one-piece body and sensing head are both epoxy filled to protect internal components from contamination ● The head is hard-wired to the sensor body to ensure trouble-free performance ● Choose from top and side sensing heads ● Side sensing heads can be rotated to any of four positions ● Mounting dimensions allow direct replacement of worn out limit switches ● Rugged zinc die cast construction withstands physical abuse ● Connection options include pre-wired cable, body mounted connector and pigtail connector Standards and Certifications ● UL Listed, E166051 ● CSA Certified, 50513 ● RoHS Compliant DANGER THIS SENSOR IS NOT A SAFETY DEVICE AND IS NOT INTENDED TO BE USED AS A SAFETY DEVICE. This sensor is designed only to detect and read certain data in an electronic manner and perform no use apart from that, specifically no safety- related use. This sensor product does not include self-checking redundant circuitry, and the failure of this sensor product could cause either an energized or de-energized output condition, which could result in death, serious bodily injury, or property damage. For the most current information on this product, visit our Web site: www.eaton.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |