Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3703 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAM3703
Description  LOW POWER LOW COST EFFECT PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM3703 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAM3703 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SAM3703
SAM3703.pdf - Rev. 01/12
2
1. Dream DSP Array Overview
The SAM3703 is a new member of the SAM3000 family of sound synthesis/processing ICs that
uses the DSP array technology. It is designed for superior quality sound processing. The 16-bit
processor has new instructions and a C compiler for quicker reliable firmware development. Total
compatibility is maintained with the other members of the family. Applications written for the
SAM3703 can be burned into the built-in Flash memory. This memory has specific features to
avoid external read of the coded data, thus ensuring very effective copy protection.
The minimum configuration for a product is SAM3703 + Codec. An external SDRAM/DDR-SDRAM
is needed if 8k internal RAM is not sufficient for extended delay line buffers, like high-quality
reverb.
DSP array (3 P24 DSPs)
Sync Bus
Async Bus
MMU
Embedded
EEPROM
16k x 16
Enhanced
16 bit
Processor
(P16)
ROUTER
Final ACC
MIX
Audio OUT
Audio IN
Audio I/O
SAM3703 diagram
I/Os
Timers,
UARTs,
Ports…
External I/O
Embedded
RAM
8k x 24
Embedded
ROM
1k x 16
BIOS and
Debug
External I/O
to
SDRAM or
DDR SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com