Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3703 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SAM3703
Description  LOW POWER LOW COST EFFECT PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM3703 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SAM3703 Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 23Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 24Page - List of Unclassifed Manufacturers SAM3703 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SAM3703
SAM3703.pdf - Rev. 01/12
21
Command sequencing
The SDR SDRAM device must support following parameters.
Parameter
Symbol
Value
(50 MHz)
Value
(100 MHz)
MODE REGISTER SET command cycle time
tMRD
min 40 ns
min 20 ns
ACTIVE to PRECHARGE command
tRAS
min 60 ns
max 70 us
min 50 ns
max 70 us
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
min 80 ns
min 70 ns
AUTO REFRESH to ACTIVE/AUTO REFRESH command period
tRFC
min 80 ns
min 70 ns
ACTIVE to READ or WRITE delay
tRCD
min 20 ns
min 20 ns
PRECHARGE command period
tRP
min 20 ns
min 20 ns
ACTIVE bank a to ACTIVE bank b command
tRRD
min 20 ns
min 20 ns
WRITE recovery time
tWR
min 20 ns
min 20 ns
Exit self refresh to non-READ command
tXSNR
min 80 ns
min 80 ns
Exit self refresh to READ command
tXSRD
min 4 us
min 2 us
Average periodic REFRESH interval
tREFI
7.8 us
7.8 us
SAM3703 to SDR SDRAM
The outputs of SAM3703 meet following constraints.
Parameter
Symbol
Value
(50 MHz)
Value
(100 MHz)
Address and control hold time
tIH
min 8.8 ns
min 3.8 ns
Address and control setup time
tIS
min 8.3 ns
min 3.3 ns
DQ and DM setup time
tDS
min 14.3 ns
min 6.8 ns
DQ and DM hold time
tDH
min 3.8 ns
min 1.4 ns
SDR to SAM3703
The data from SDR to SAM3703 must meet following timing requirements. These parameters are
applicable at input of SAM3703, and must include effects of SDR device and effects of board
layout.
Parameter
Symbol
Value
DQ setup time
min 2.0 ns
DQ hold time
min 1.8 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com