Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321AIDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321AIDBVR
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321AIDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV321AIDBVR Datasheet HTML 17Page - Texas Instruments LMV321AIDBVR Datasheet HTML 18Page - Texas Instruments LMV321AIDBVR Datasheet HTML 19Page - Texas Instruments LMV321AIDBVR Datasheet HTML 20Page - Texas Instruments LMV321AIDBVR Datasheet HTML 21Page - Texas Instruments LMV321AIDBVR Datasheet HTML 22Page - Texas Instruments LMV321AIDBVR Datasheet HTML 23Page - Texas Instruments LMV321AIDBVR Datasheet HTML 24Page - Texas Instruments LMV321AIDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Frequency (Hz)
40
60
80
100
120
10
100
1k
10k
100k
1M
D001
D001
D001
Input Current (A)
0
2E-6
4E-6
6E-6
8E-6
1E-5
0
0.5
1
1.5
2
2.5
3
D002
21
LMV321A, LMV324A, LMV358A
www.ti.com
SBOS923E – DECEMBER 2017 – REVISED SEPTEMBER 2019
Product Folder Links: LMV321A LMV324A LMV358A
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.2.3 Application Curves
The measured current-to-voltage transfer function for the photodiode amplifier circuit is shown in Figure 35. The
measured performance of the photodiode amplifier circuit is shown in Figure 36.
Figure 35. Photodiode Amplifier Circuit AC Gain Results
Figure 36. Photodiode Amplifier Circuit DC Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com