Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321AIDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321AIDBVR
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321AIDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMV321AIDBVR Datasheet HTML 18Page - Texas Instruments LMV321AIDBVR Datasheet HTML 19Page - Texas Instruments LMV321AIDBVR Datasheet HTML 20Page - Texas Instruments LMV321AIDBVR Datasheet HTML 21Page - Texas Instruments LMV321AIDBVR Datasheet HTML 22Page - Texas Instruments LMV321AIDBVR Datasheet HTML 23Page - Texas Instruments LMV321AIDBVR Datasheet HTML 24Page - Texas Instruments LMV321AIDBVR Datasheet HTML 25Page - Texas Instruments LMV321AIDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
22
LMV321A, LMV324A, LMV358A
SBOS923E – DECEMBER 2017 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: LMV321A LMV324A LMV358A
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The LMV3xxA family is specified for operation from 2.5 V to 5.5 V (±1.25 V to ±2.75 V); many specifications
apply from –40°C to 125°C. The Typical Characteristics section presents parameters that may exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 6 V may permanently damage the device; see the
Absolute Maximum Ratings table.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce coupling errors from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
Guidelines section.
9.1 Input and ESD Protection
The LMV3xxA family incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection primarily consists of current-steering diodes connected between the input and power-supply pins.
These ESD protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to
10 mA. Figure 37 shows how a series input resistor can be added to the driven input to limit the input current.
The added resistor contributes thermal noise at the amplifier input and the value must be kept to a minimum in
noise-sensitive applications.
Figure 37. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com