Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-P159-S Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-P159-S
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-P159-S Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-P159-S Datasheet HTML 1Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 2Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 3Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEB. 2017
4-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
Rated
154W
Max.
185W
Peak
220W
SNP-P15x-S Series
Medical & ITE
General Purpose
3" x 5" x 1.07"
Notes:
1. Size:
3" x 5" x 1.07"
2. Mounting Hole:
64.8 x 115.6 (mm)
3. Connectors:
AC input: Molex 5277-02A or equivalent
DC output: Molex 5273-09A or equivalent
4. Output Pin assignment:
TB3:
5. Packing:
Net weight: 277 g approx. / unit
Gross weight: 17.5 kg approx. / carton, 48 units / carton
Carton size (mm): 397 (L) x 339 (W) x 327 (H)
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Green power .................. < 0.5W/1W at no load/5Vsb/0.1A
Inrush current ................................< 30/60A at 115/230VAC
Efficiency ....................................................................... 89%
Hold up time ................................................................. 20ms
Over load/Short circuit protection ................... auto recovery
Over voltage protection ............................................ latch off
Operating temperature ..................................... -20oC to 70oC
derating: 2.5% / oC > 50oC
Mechanical Specifications:
General Specifications:
Features:
Remote control ...................................................... active low
Cooling .................................................... convection cooling
Storage temperature ..................................... -40oC to +85oC
EMI ..........................................EN55022 "B", EN61000-3-3
Harmonics.........................................................EN61000-3-2
EMS..................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ................................UL/CSA/IEC60950-1, 2nd edition
ANSI/AMMI/CSA/IEC60601-1, 3rd edition
Energy Saving .............................................. ENERGY STAR
for computers version 6.0
for displays version 6.0
ErP regulation EC(No) 1275/2008
1
2
3
4
5
6
7
8
9
+5Vsb Remote +5V RTN Vo
Vo
Vo RTN RTN RTN
1
2
+12V RTN
127.0 (5")
76.2
(3")
27.1 max.
(1.07")
●
Peak load (1.5 ~ 2 x rated current, Vo=rated for 5 sec)
●
Design for BF application
●
Convection cooling for Rated power
●
With +5Vsb & +12V Fan output
●
Remote on/off & remote sense
●
Fan speed controlled by loading
●
EMI class B
●
-30oC to +70oC operating temperature
●
5,000m operation altitude
Applications:
●
For peak load and surge load applications, such as ac-
tive speaker and audio power amplifier, motor drive,
coffee machine, vending machine, gaming machine,
and other industrials.
●
For EMI class B application, such as home healthcare
device, and other medical devices.
10 years Warranty (contact Skynet's Distributors for details)


Similar Part No. - SNP-P159-S

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-P207-S SKYNET-SNP-P207-S Datasheet
253Kb / 2P
Medical & ITE General Purpose
SNP-P209-S SKYNET-SNP-P209-S Datasheet
253Kb / 2P
Medical & ITE General Purpose
SNP-P20X-S SKYNET-SNP-P20X-S Datasheet
253Kb / 2P
Medical & ITE General Purpose
SNP-P307-S SKYNET-SNP-P307-S Datasheet
626Kb / 4P
Medical & ITE General Purpose
SNP-P309-S SKYNET-SNP-P309-S Datasheet
626Kb / 4P
Medical & ITE General Purpose
More results

Similar Description - SNP-P159-S

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
Medical & ITE General Purpose
SNP-E30 SKYNET-SNP-E30 Datasheet
478Kb / 4P
Medical & ITE General Purpose
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com