Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-P159-S Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-P159-S
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-P159-S Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-P159-S Datasheet HTML 1Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 2Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 3Page - Skynet Electronic Copyright SNP-P159-S Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
FEB. 2017
-Jim-
Rated
154W
Max.
185W
Peak
220W
SNP-P15x-S Series
Medical & ITE
General Purpose
Output Specifications:
SNP-P157 -S
+12V
0A
12A
18A +11.9V~+12.1V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P158 -S
+15V
0A
9.6A
14.4A +14.9V~+15.1V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P155 -S
+18V
0A
8A
12A +17.9V~+18.1V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P159 -S
+24V
0A
6A
9A +23.9V~+24.1V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P15G-S
+28V
0A
5.1A
7.7A +27.9V~+28.1V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P15J -S
+36V
0A
4A
6A +35.8V~+36.2V
83%
87%
86%
85%
ready
+5Vsb
2A
SNP-P15T-S
+48V
0A
3A
4.5A +47.8V~+48.2V
83%
87%
86%
85%
ready
+5Vsb
2A
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVG. EFF. STATUS
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY @ 20% LOAD @ 50% LOAD @ 100% LOAD
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
154W for convection cooling.
3. Peak Load Duration:
Peak 220W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to that metal sheet.
7. Model Selection:
Most of power supplies will create audible burst sound at light load, if the application wants to meet input power < 0.5W at standby mode.
SNP-P15x-S is for ITE & medical applications which require standby mode.
←
→
←
→
←
→



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com