Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC12X2 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSC12X2
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 2Page - Microchip Technology DSC12X2 Datasheet HTML 3Page - Microchip Technology DSC12X2 Datasheet HTML 4Page - Microchip Technology DSC12X2 Datasheet HTML 5Page - Microchip Technology DSC12X2 Datasheet HTML 6Page - Microchip Technology DSC12X2 Datasheet HTML 7Page - Microchip Technology DSC12X2 Datasheet HTML 8Page - Microchip Technology DSC12X2 Datasheet HTML 9Page - Microchip Technology DSC12X2 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DSC12X2/3/4
DS20006011A-page 6
 2019 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
DSC120X/1X/2X PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
OE/STDBY/FS
Control pin: Output enable/standby/frequency select.
2
NC
No connect.
3
GND
Power supply ground.
4
CLK+
Clock output +.
5
CLK–
Clock output –.
6
VDD
Power supply.
TABLE 2-2:
DSC123X/4X/5X PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
NC
No connect.
2OE/STDBY/FS
Control pin: Output enable/standby/frequency select.
3
GND
Power supply ground.
4
CLK+
Clock output +.
5
CLK–
Clock output –.
6
VDD
Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com