Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC12X2 Datasheet(PDF) 9 Page - Microchip Technology

Part # DSC12X2
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 5Page - Microchip Technology DSC12X2 Datasheet HTML 6Page - Microchip Technology DSC12X2 Datasheet HTML 7Page - Microchip Technology DSC12X2 Datasheet HTML 8Page - Microchip Technology DSC12X2 Datasheet HTML 9Page - Microchip Technology DSC12X2 Datasheet HTML 10Page - Microchip Technology DSC12X2 Datasheet HTML 11Page - Microchip Technology DSC12X2 Datasheet HTML 12Page - Microchip Technology DSC12X2 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 9
DSC12X2/3/4
4.0
OUTPUT WAVEFORM
FIGURE 4-1:
LVPECL, LVDS, and HCSL Output Waveform.
TABLE 4-1:
OUTPUT VOLTAGE SWING BY LOGIC TYPE
Output Logic Protocol
Typical Peak-to-Peak Output Swing
LVPECL
830 mV
LVDS
350 mV
HCSL
675 mV
Enable
t
R
t
F
1/f
0
t
DA
t
EN
Output
V
IL
V
IH
50%
20%
80%
Output
Output voltage swing.
Refer to table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com