Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC12X4 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC12X4
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X4 Datasheet(HTML) 4 Page - Microchip Technology

  DSC12X4 Datasheet HTML 1Page - Microchip Technology DSC12X4 Datasheet HTML 2Page - Microchip Technology DSC12X4 Datasheet HTML 3Page - Microchip Technology DSC12X4 Datasheet HTML 4Page - Microchip Technology DSC12X4 Datasheet HTML 5Page - Microchip Technology DSC12X4 Datasheet HTML 6Page - Microchip Technology DSC12X4 Datasheet HTML 7Page - Microchip Technology DSC12X4 Datasheet HTML 8Page - Microchip Technology DSC12X4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DSC12X2/3/4
DS20006011A-page 4
 2019 Microchip Technology Inc.
Period Jitter Peak-to-Peak
JPTP
—20—
ps
f0 = 156.25 MHz, 10k cycles
Integrated Phase Noise
(Random)
JPH
—0.65—
psRMS 12 kHz to 20 MHz @156.25 MHz
LVDS (DSC12x3)
Frequency
f0
2.3
—
450
MHz
—
Output Offset Voltage
VOS
1.15
1.25
1.35
V
R = 100Ω Differential
Peak-to-Peak Output Swing
VPP
250
350
450
mV
Single-Ended
Output Transition Time
tR
120
170
220
ps
20% to 80%, RL = 100Ω
tF
Output Duty Cycle
SYM
48
—
52
%
Differential
Period Jitter RMS
JPER
—2.5
—
ps
f0 = 156.25 MHz, 10k cycles
Period Jitter Peak-to-Peak
JPTP
—20—
ps
f0 = 156.25 MHz, 10k cycles
Integrated Phase Noise
(Random)
JPH
—0.65—
psRMS 12 kHz to 20 MHz @156.25 MHz
Period Jitter RMS
JPER
—3—
ps
f0 = 156.25 MHz,
TA = –40°C to +125°C
Period Jitter Peak-to-Peak
JPTP
—25—
ps
f0 = 156.25 MHz,
TA = –40°C to +125°C
Integrated Phase Noise
(Random)
JPH
—0.9
—
psRMS
12 kHz to 20 MHz @156.25 MHz,
TA = –40°C to +125°C
HCSL (DSC12x4)
Frequency
f0
2.3
—
450
MHz
—
Output Logic Levels
VOH
0.64
—
—
VRL = 50Ω
VOL
——
0.1
Peak-to-Peak Output Swing
VPP
—
750
—
mV
Single-Ended
Output Transition Time
tR
200
260
400
ps
20% to 80%, RL = 50Ω
tF
250
370
500
Output Duty Cycle
SYM
48
—
52
%
Differential
Period Jitter RMS
JPER
—2—
ps
f0 = 100.00 MHz, 10k cycles
Period Jitter Peak-to-Peak
JPTP
—16—
ps
f0 = 100.00 MHz, 10k cycles
Integrated Phase Noise
(Random)
JPH
—0.65—
psRMS 12 kHz to 20 MHz @100.00 MHz
Note 1: VDD pin should be filtered with a 0.1 µF capacitor.
2: tSU is the time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
3: tDA: See the Output Waveforms and the Test Circuits sections for more information.
4: Output is enabled if pad is floated (not connected).
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 2.5V ±10% or 3.3V±10%; TA = –40°C to +105°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com