Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC12X4 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC12X4
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X4 Datasheet(HTML) 1 Page - Microchip Technology

  DSC12X4 Datasheet HTML 1Page - Microchip Technology DSC12X4 Datasheet HTML 2Page - Microchip Technology DSC12X4 Datasheet HTML 3Page - Microchip Technology DSC12X4 Datasheet HTML 4Page - Microchip Technology DSC12X4 Datasheet HTML 5Page - Microchip Technology DSC12X4 Datasheet HTML 6Page - Microchip Technology DSC12X4 Datasheet HTML 7Page - Microchip Technology DSC12X4 Datasheet HTML 8Page - Microchip Technology DSC12X4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 1
DSC12X2/3/4
Features
• Very Low RMS Phase Jitter: <650 fs (typ.)
• High Stability: ±20 ppm, ±25 ppm, ±50 ppm
• Wide Temperature Range:
- Automotive: –40°C to +125°C (DSC12x3
LVDS Only)
- Extended Industrial: –40°C to +105°C
- Industrial: –40°C to +85°C
- Commercial: –20°C to +70°C
• Supports LVPECL, LVDS, or HCSL Differential
Outputs
• Wide Frequency Range: 2.5 MHz to 450 MHz
• Small Industry-Standard Footprints
- 2.5 mm x 2.0 mm
- 3.2 mm x 2.5 mm
- 5.0 mm x 3.2 mm
- 7.0 mm x 5.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Supply Range of 2.25V to 3.63V
• Standby, Frequency Select, and Output Enable
Functions
• Lead-Free and RoHS-Compliant
Applications
• Storage Area Networks
• Passive Optical Networks
• 10/100G Ethernet
• HD/SD/SDI Video and Surveillance
• PCI Express Gen 1/2/3/4
• Display Port
General Description
The DSC12x2/3/4 family of high performance
oscillators utilizes the latest generation of silicon
MEMS technology that reduces close-in noise and
provides excellent jitter and stability over a wide range
of supply voltages and temperatures. By eliminating
the need for quartz or SAW technology, MEMS
oscillators
significantly
enhance
reliability
and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
The DSC12x2/3/4 family features a control function on
pin 1 or pin 2 that permits either a standby feature
(complete power down when STDBY is low), output
enable (output is tri-stated with OE low), or a frequency
select (choice of two frequencies selected by FS
high/low). See the Product Identification System
section for detailed information.
All oscillators are available in industry-standard
packages, including the small 2.5 mm x 2.0 mm, and
are “drop-in” replacements for standard 6-pin
LVPECL/LVDS/HCSL crystal oscillators.
Package Types
DSC12X2/3/4
6-Lead CDFN/VDFN
1
OE/STDBY/FS
NC
GND
6
VDD
CLK+
5
4
2
3
CLK–
1
OE/STDBY/FS
NC
GND
6
VDD
5
4
2
3
CLK+
CLK–
High Performance Differential MEMS Oscillators


Similar Part No. - DSC12X4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC12X1 MICROCHIP-DSC12X1 Datasheet
538Kb / 30P
High Performance CMOS MEMS Oscillator
08/15/18
More results

Similar Description - DSC12X4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-PH OMRON-D6F-PH Datasheet
333Kb / 6P
MEMS Differential Pressure Sensor
logo
EUROQUARTZ limited
HCK5361 EUROQUARTZ-HCK5361 Datasheet
255Kb / 1P
DIFFERENTIAL HCSL OSCILLATORS
HCK5761 EUROQUARTZ-HCK5761 Datasheet
259Kb / 1P
DIFFERENTIAL HCSL OSCILLATORS
HDK5361 EUROQUARTZ-HDK5361 Datasheet
256Kb / 1P
DIFFERENTIAL LVDS OSCILLATORS
HDK5761 EUROQUARTZ-HDK5761 Datasheet
260Kb / 1P
DIFFERENTIAL LVDS OSCILLATORS
logo
Abracon Corporation
ABMJB-903 ABRACON-ABMJB-903 Datasheet
1Mb / 13P
High Performance MEMS Jitter Attenuator
03.26.15
logo
MMD Components
IM840B MMD-IM840B Datasheet
414Kb / 7P
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Cypress Semiconductor
CY2941X CYPRESS-CY2941X Datasheet
383Kb / 23P
High-Performance Programmable Oscillators
logo
Infineon Technologies A...
IM69D120 INFINEON-IM69D120 Datasheet
1Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-20
logo
Microchip Technology
DSC12X1 MICROCHIP-DSC12X1 Datasheet
538Kb / 30P
High Performance CMOS MEMS Oscillator
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com