Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6294IPWR
Description  MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6294IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCP6294IPWR Datasheet HTML 17Page - Texas Instruments MCP6294IPWR Datasheet HTML 18Page - Texas Instruments MCP6294IPWR Datasheet HTML 19Page - Texas Instruments MCP6294IPWR Datasheet HTML 20Page - Texas Instruments MCP6294IPWR Datasheet HTML 21Page - Texas Instruments MCP6294IPWR Datasheet HTML 22Page - Texas Instruments MCP6294IPWR Datasheet HTML 23Page - Texas Instruments MCP6294IPWR Datasheet HTML 24Page - Texas Instruments MCP6294IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
I
LOAD (A)
C219
F
G
R
Gain
1
R
_
_
_
_
OUT
MAX
OUT
MIN
IN
MAX
IN
MIN
V
V
Gain
V
V
_
_
SHUNT
MAX
SHUNT
LOAD
MAX
V
100mV
R
100m
I
1A
:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
21
MCP6291, MCP6292, MCP6294
www.ti.com
SBOS879D – JULY 2017 – REVISED OCTOBER 2019
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
The transfer function of the circuit in Figure 33 is shown in Equation 1.
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2.
(2)
Using Equation 2, RSHUNT is 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is amplified by the
MCP629x to produce an output voltage of roughly 0 V to 4.95 V. The gain needed by the MCP629x to produce
the necessary output voltage is calculated using Equation 3:
(3)
Using Equation 3, the required gain is calculated to be 49.5 V/V, which is set with resistors RF and RG.
Equation 4 is used to size the resistors, RF and RG, to set the gain of the MCP629x to 49.5 V/V.
(4)
Choosing RF as 165 kΩ and RG as 3.4 kΩ provides a combination that equals roughly 49.5 V/V. Figure 34 shows
the measured transfer function of the circuit shown in Figure 33.
9.2.3 Application Curve
Figure 34. Low-Side, Current-Sense Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com