Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6294IPWR
Description  MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6294IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MCP6294IPWR Datasheet HTML 4Page - Texas Instruments MCP6294IPWR Datasheet HTML 5Page - Texas Instruments MCP6294IPWR Datasheet HTML 6Page - Texas Instruments MCP6294IPWR Datasheet HTML 7Page - Texas Instruments MCP6294IPWR Datasheet HTML 8Page - Texas Instruments MCP6294IPWR Datasheet HTML 9Page - Texas Instruments MCP6294IPWR Datasheet HTML 10Page - Texas Instruments MCP6294IPWR Datasheet HTML 11Page - Texas Instruments MCP6294IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
MCP6291, MCP6292, MCP6294
SBOS879D – JULY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Current limit input signals that can swing more than 0.5 V beyond the supply
rails to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
6
V
Signal input pins
Voltage(2)
Common-mode
(V–) – 0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
mA
Specified, TA
–40
125
°C
Junction, TJ
150
°C
Storage, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
2.4
5.5
V
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information: MCP6291
THERMAL METRIC(1)
MCP6291
UNIT
DBV (SOT-23)
DCK (SC70)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.7
263.3
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
144.7
75.5
°C/W
RθJB
Junction-to-board thermal resistance
49.7
51.0
°C/W
ψJT
Junction-to-top characterization parameter
26.1
1.0
°C/W
ψJB
Junction-to-board characterization parameter
49.0
50.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com