Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD119P3 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD119P3
Description  5-9 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD119P3 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD119P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD119P3 is a broadband MMIC low
noise amplifier housed in a leadless 3x3 mm
plastic
surface
mount
package.
The
CMD119P3 is ideally suited for microwave
radios and C and X-band applications where
small size and low power consumption are
needed. The broadband device delivers greater
than 22 dB of gain with a corresponding output
1 dB compression point of +11 dBm and a
noise figure of 1.2 dB. The CMD119P3 is a 50
ohm matched design eliminating the need for
external DC blocks and RF port matching. The
CMD119P3 amplifier is the perfect alternative
to costly hybrid amplifiers.
► Ultra low noise figure
► Low current consumption
► High gain broadband performance
► Single supply voltage: +3.6 V @ 30 mA
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance - Vdd = 3.6 V, TA = 25
oC, F=8GHz
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
22
dB
Noise Figure
1.2
dB
Input Return Loss
11
dB
Output Return Loss
14
dB
Output P1dB
11
dBm
Supply Current
30
mA
5 - 9
Features
Description
Functional Block Diagram
ver 1.4 0516
CMD119P3
CMD119P3
CMD119P3
5-9 GHz Low Noise Amplifier


Similar Part No. - CMD119P3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21SRC/TR8 CML-CMD11-21SRC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21SRC/TR8 VCC-CMD11-21SRC/TR8 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21UYC/TR8 CML-CMD11-21UYC/TR8 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
More results

Similar Description - CMD119P3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C048 HITTITE-HMC-C048 Datasheet
258Kb / 6P
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
logo
Skyworks Solutions Inc.
SKY65404-31 SKYWORKS-SKY65404-31 Datasheet
753Kb / 9P
5 GHz Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD132 MMIC-CMD132 Datasheet
205Kb / 9P
5-11 GHz Low Noise Amplifier
CMD218C4 MMIC-CMD218C4 Datasheet
259Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD218 MMIC-CMD218 Datasheet
222Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD318P3 QORVO-CMD318P3 Datasheet
351Kb / 13P
5-9 GHz Low Noise Amplifier
CMD309 QORVO-CMD309 Datasheet
238Kb / 12P
5-12 GHz Low Noise Amplifier
logo
Analog Devices
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
logo
Qorvo, Inc
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com