Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3606HS4 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3606HS4
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606HS4 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3606HS4 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 9Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 10Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT3606
10
Doc. No. 5009, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
THIN QFN 16-LEAD 4MM X 4MM
NOTE:
1. ALL DIMENSIONS ARE
IN mm. ANGLES IN DEGREES.
2. COPLANARITY APPLIES
TO THE EXPOSED PAD AS
WELL AS THE TERMINALS.
COPLANARITY SHALL NOT
EXCEED 0.08mm.
3. WARPAGE SHALL NOT
EXCEED 0.10mm.
4. PACKAGE LENGTH/PACKAGE
WIDTH ARE CONSIDERED AS
SPECIAL CHARACTERISTIC. (S)
PIN 1
INDEX AREA
4.00+0.10
(S)
0.20 REF.
DAP SIZE 2.5 X 2.5
0.65 TYP
1.95 REF. (2x)
0.55+0.10
2.10+0.10
0.30+0.05
C0.35
2.25 mm
0.35 mm
0.65 mm
0.75+0.05
0.0-0.05
Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com